Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9554 Datasheet HTML 37Page - Analog Devices AD9554 Datasheet HTML 38Page - Analog Devices AD9554 Datasheet HTML 39Page - Analog Devices AD9554 Datasheet HTML 40Page - Analog Devices AD9554 Datasheet HTML 41Page - Analog Devices AD9554 Datasheet HTML 42Page - Analog Devices AD9554 Datasheet HTML 43Page - Analog Devices AD9554 Datasheet HTML 44Page - Analog Devices AD9554 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 41 of 116
OUTPUT ANALOG PLL (APLL)
There are four output analog PLLs (APLLs) on the AD9554.
They provide the frequency upconversion from the digital PLL
(DPLL) outputs. The frequency ranges for each APLL are in
Table 11.
Each APLL also provides a noise filter on the DPLL output. The
APLL reference input is the output of the DPLL. The feedback
divider is an integer divider. The loop filter is partially integrated
with one external 15 nF capacitor that connects to the internal
LDO. In addition to the capacitor, there is an additional 0.22 μF
capacitor from the LDO pin to ground. The nominal loop
bandwidth for all four APLLs is 240 kHz.
The APLL_0 block diagram is shown in Figure 34. APLL_1
through APLL_3 are copies of APLL_0 with different VCO
ranges. Each APLL_x input is connected to the respective
DPLL_x output, and each APLL_x output is connected to the
respective Px divider.
LF_0 CAP
LF_0 PIN
VCO_0
PFD
FROM DPLL_0
TO P0
DIVIDER
LF
CP
INTEGER DIVIDER
OUTPUT PLL (APLL_0)
÷M0
23
LDO_0 PIN 22
Figure 34. APLL_0 Block Diagram
APLL CONFIGURATION
The frequency wizard that is included in the evaluation software
configures the APLL, and the user must not need to make
changes to the APLL settings. However, there may be special
cases where the user may want to adjust the APLL loop band-
width to meet a specific phase noise requirement. The easiest
way to change the APLL loop bandwidth is to adjust the APLL
charge pump current, which is controlled in the following
registers:
Register 0x0430 (APLL_0)
Register 0x0530 (APLL_1)
Register 0x0630 (APLL_2)
Register 0x0730 (APLL_3)
There is sufficient stability (68° of phase margin) in the APLL
default settings to permit a broad range of adjustment without
causing the APLL to be unstable.
APLL CALIBRATION
Calibration of the APLLs must be performed at startup and
whenever the nominal input frequency to the APLL changes by
more than ±100 ppm; although, the APLL maintains lock over
voltage and temperature extremes without recalibration.
APLL calibration at startup is normally performed during initial
register loading, see the detailed instructions in the Device Register
Programming Using a Register Setup File section.
To recalibrate the APLL VCO after the chip has been running,
first, input the new settings (if any). The user can calibrate
APLL_0 without disturbing any of the other three APLLs
(APLL_1, APLL_2, and APLL_3).
Use the following steps to recalibrate the APLL VCO. It is
important to note that an IO_UPDATE (Register 0x000F =
0x01) is needed after each of these steps.
1.
Ensure that the DPLL free run tuning word is set
(Register 0x0A22[0] = 1b for DPLL_0,
Register 0x0A42[0] = 1b for DPLL_1,
Register 0x0A62[0] = 1b for DPLL_2, and
Register 0x0A82[0] = 1b for DPLL_3).
2.
Clear the desired APLL calibration bit
(Register 0x0A20[1] = 0b for APLL_0,
Register 0x0A40[1] = 0b for APLL_1,
Register 0x0A60[1] = 0b for APLL_2, and
Register 0x0A80[1] = 0b for APLL_3).
Alternatively, the user can write Register 0xA00 = 0x00 to
clear the calibrate all bit. This allows the user to set this bit
in the next step to calibrate all four VCOs at the same time.
3.
Set the desired APLL calibration bit
(Register 0x0A20[1] = 1b for APLL_0,
Register 0x0A40[1] = 1b for APLL_1,
Register 0x0A60[1] = 1b for APLL_2, and
Register 0x0A80[1] = 1b for APLL_3).
Alternatively, the user can write Register 0xA00 = 0x02 to
calibrate all four VCOs at the same time.
4.
To ensure that the APLLs have locked, poll the APLL lock
status (Register 0x0D20[3] = 1b indicates lock for APLL_0,
Register 0x0D40[3] = 1b indicates lock for APLL_1,
Register 0x0D60[3] = 1b indicates lock for APLL_2, and
Register 0x0D80[3] = 1b indicates lock for APLL_3).
5.
Ensure that the DPLL free run tuning word is cleared
(Register 0x0A22[0] = 0b for DPLL_0,
Register 0x0A42[0] = 0b for DPLL_1,
Register 0x0A62[0] = 0b for DPLL_2, and
Register 0x0A82[0] = 0b for DPLL_3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com