Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9554 Datasheet HTML 93Page - Analog Devices AD9554 Datasheet HTML 94Page - Analog Devices AD9554 Datasheet HTML 95Page - Analog Devices AD9554 Datasheet HTML 96Page - Analog Devices AD9554 Datasheet HTML 97Page - Analog Devices AD9554 Datasheet HTML 98Page - Analog Devices AD9554 Datasheet HTML 99Page - Analog Devices AD9554 Datasheet HTML 100Page - Analog Devices AD9554 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 97 of 116
PLL_1 OPERATIONAL CONTROLS (REGISTER 0x0A40 TO REGISTER 0x0A44)
These registers mimic the PLL_0 controls registers (Register 0x0A20 through Register 0x0A24) but the register addresses are offset by
0x0020. All default values are identical.
PLL_2 OPERATIONAL CONTROLS (REGISTER 0x0A60 TO REGISTER 0x0A64)
These registers mimic the PLL_0 controls registers (Register 0x0A20 through Register 0x0A24) but the register addresses are offset by
0x0040. All default values are identical.
PLL_3 OPERATIONAL CONTROLS (REGISTER 0x0A80 TO REGISTER 0x0A84)
These registers mimic the PLL_0 controls registers (Register 0x0A20 through Register 0x0A24) but the register addresses are offset by
0x0060. All default values are identical.
VOLTAGE REGULATOR (REGISTER 0x0B00 TO REGISTER 0x0B01)
The bits in these registers adjust the internal voltage regulator for 1.5 V input voltage operation.
Table 115. Voltage Regulator
Address
Bits
Bit Name
Description
0x0B00
[7:0]
VREG, Bits[7:0]
Adjusts internal voltage regulators for 1.5 V operation. There are only two valid settings for this register, and
all bits in VREG[9:0] must be all 1s or all 0s, depending on whether the device is powered at 1.5 V or 1.8 V.
0x00 (default) = 1.8 V operation.
0xFF = 1.5 V operation.
0x0B01
[7:2]
Reserved
Default: 000000b.
[1:0]
VREG, Bits[9:8]
Adjusts internal voltage regulators for 1.5 V operation. There are only two valid settings for this register.
00b (default): 1.8 V operation.
11b: 1.5 V operation.
STATUS READBACK (REGISTER 0x0D00 TO REGISTER 0x0D05)
All bits in Register 0x0D00 to Register 0x0D05 are read only. To report the latest status, these bits require an IO_UPDATE
(Register 0x000F = 0x01) immediately before being read.
Table 116. EEPROM Status
Address
Bits
Bit Name
Description
0x0D00
[7:4]
Reserved
Default: 00000b.
3
EEPROM CRC fault detected
An CRC error occurred during an EEPROM operation.
2
EEPROM fault detected
An error occurred during an EEPROM operation.
1
EEPROM download in progress
The control logic sets this bit while data is being downloaded from the EEPROM.
0
EEPROM upload in progress
The control logic sets this bit while data is being uploaded to the EEPROM.
Table 117. SYSCLK and PLL Status
Address
Bits
Bit Name
Description
0x0D01
7
PLL_3 all locked
Indicates the status of the system clock, APLL_3, and DPLL_3.
0 = system clock or APLL_3 or DPLL_3 is unlocked.
1 = all three PLLs (system clock, APLL_3, and DPLL_3) are locked.
6
PLL_2 all locked
Indicates the status of the system clock, APLL_2, and DPLL_2.
0 = system clock or APLL_2 or DPLL_2 is unlocked.
1 = all three PLLs (system clock, APLL_2, and DPLL_2) are locked.
5
PLL_1 all locked
Indicates the status of the system clock, APLL_1, and DPLL_1.
0 = system clock or APLL_1 or DPLL_1 is unlocked.
1 = all three PLLs (system clock, APLL_1, and DPLL_1) are locked.
4
PLL_0 all locked
Indicates the status of the system clock, APLL_0, and DPLL_0.
0 = system clock or APLL_0 or DPLL_0 is unlocked.
1 = all three PLLs (system clock, APLL_0, and DPLL_0) are locked.
3
Reserved
Default: 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com