Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9554 Datasheet HTML 85Page - Analog Devices AD9554 Datasheet HTML 86Page - Analog Devices AD9554 Datasheet HTML 87Page - Analog Devices AD9554 Datasheet HTML 88Page - Analog Devices AD9554 Datasheet HTML 89Page - Analog Devices AD9554 Datasheet HTML 90Page - Analog Devices AD9554 Datasheet HTML 91Page - Analog Devices AD9554 Datasheet HTML 92Page - Analog Devices AD9554 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 89 of 116
DIGITAL LOOP FILTER COEFFICIENTS (REGISTER 0x0800 TO REGISTER 0x0817)
Note that the digital loop filter base coefficients (α, β, γ, and δ) have the general form: x(2y), where x is the linear component, and y is the
exponential component of the coefficient. The value of the linear component (x) constitutes a fraction, where 0 ≤ x ≤ 1. The exponential
component (y) is a signed integer. These are live registers; therefore, an IO_UPDATE is not needed. However, the updated coefficients do
not take effect while the loop is active.
Table 95. Base Digital Loop Filter with Normal Phase Margin (PM = 70°)
Address
Bits
Bit Name
Description
0x0800
[7:0]
NPM Alpha-0 linear
Alpha-0 coefficient linear, Bits[7:0]. Default: 0x24.
0x0801
[7:0]
Alpha-0 coefficient linear, Bits[15:8]. Default: 0x8C.
0x0802
7
Reserved
Default: 0b.
[6:0]
NPM Alpha-1 exponent
Alpha-1 coefficient exponent, Bits[6:0]. Default: 0x49.
0x0803
[7:0]
NPM Beta-0 linear
Beta-0 coefficient linear, Bits[7:0]. Default: 0x55.
0x0804
[7:0]
Beta-0 coefficient linear, Bits[15:8]. Default: 0xC9.
0x0805
7
Reserved
Default: 0b.
[6:0]
NPM Beta-1 exponent
Beta-1 coefficient exponent, Bits[6:0]. Default: 0x7B.
0x0806
[7:0]
NPM Gamma-0 linear
Gamma-0 coefficient linear, Bits[7:0]. Default: 0x9C.
0x0807
[7:0]
Gamma-0 coefficient linear, Bits[15:8]. Default: 0xFA.
0x0808
7
Reserved
Default: 0b.
[6:0]
NPM Gamma -1 exponent
Gamma-1 coefficient exponent, Bits[6:0]. Default: 0x55.
0x0809
[7:0]
NPM Delta-0 linear
Delta-0 coefficient linear, Bits[7:0]. Default: 0xEA.
0x080A
[7:0]
Delta-0 coefficient linear, Bits[15:8]. Default: 0xE2.
0x080B
7
Reserved
Default: 0b.
[6:0]
NPM Delta-1 exponent
Delta-1 coefficient exponent, Bits[6:0]. Default: 0x57.
Note that the base digital loop filter coefficients (α, β, γ, and δ) have the general form: x(2y), where x is the linear component, and y is the
exponential component of the coefficient. The value of the linear component (x) constitutes a fraction, where 0 ≤ x ≤ 1. The exponential
component (y) is a signed integer. These are live registers; therefore, an IO_UPDATE is not needed. However, the updated coefficients do
not take effect while the loop is active.
Table 96. Base Digital Loop Filter with High Phase Margin (PM = 88.5°)
Address
Bits
Bit Name
Description
0x080C
[7:0]
HPM Alpha-0 linear
Alpha-0 coefficient linear, Bits[7:0]. Default = 0x8C.
0x080D
[7:0]
Alpha-0 coefficient linear, Bits[15:8]. Default: 0xAD.
0x080E
7
Reserved
Default: 0b.
[6:0]
HPM Alpha-1 exponent
Alpha-1 coefficient exponent, Bits[6:0]. Default: 0x4C.
0x080F
[7:0]
HPM Beta-0 linear
Beta-0 coefficient linear, Bits[7:0]. Default: 0xF5.
0x0810
[7:0]
Beta-0 coefficient linear, Bits[15:8]. Default: 0xCB.
0x0811
7
Reserved
Default: 0b.
[6:0]
HPM Beta-1 exponent
Beta-1 coefficient exponent, Bits[6:0]. Default: 0x73.
0x0812
[7:0]
HPM Gamma-0 linear
Gamma-0 coefficient linear, Bits[7:0]. Default: 0x24.
0x0813
[7:0]
Gamma-0 coefficient linear, Bits[15:8]. Default: 0xD8.
0x0814
7
Reserved
Default: 0b.
[6:0]
HPM Gamma-1 exponent
Gamma-1 coefficient exponent, Bits[6:0]. Default: 0x59.
0x0815
[7:0]
HPM Delta-0 linear
Delta-0 coefficient linear, Bits[7:0]. Default: 0xD2.
0x0816
[7:0]
Delta-0 coefficient linear, Bits[15:8]. Default: 0x8D.
0x0817
7
Reserved
Default: 0b.
[6:0]
HPM Delta-1 exponent
Delta-1 coefficient exponent, Bits[6:0]. Default: 0x5A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com