Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9554 Datasheet HTML 56Page - Analog Devices AD9554 Datasheet HTML 57Page - Analog Devices AD9554 Datasheet HTML 58Page - Analog Devices AD9554 Datasheet HTML 59Page - Analog Devices AD9554 Datasheet HTML 60Page - Analog Devices AD9554 Datasheet HTML 61Page - Analog Devices AD9554 Datasheet HTML 62Page - Analog Devices AD9554 Datasheet HTML 63Page - Analog Devices AD9554 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 60 of 116
Reg
Addr
(Hex)
Option
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x0301
W1, L
REFA
R divider
(20 bits)
R divider, Bits[7:0]
0x00
0x0302
W1, L
R divider, Bits[15:8]
0x00
0x0303
W1, L
Reserved
R divider, Bits[19:16]
0x00
0x0304
W2, L
REFA period
Nominal reference period (fs), Bits[7:0]
0x00
0x0305
W2, L
Nominal reference period (fs), Bits[15:8]
0x00
0x0306
W2, L
Nominal reference period (fs), Bits[23:16]
0x00
0x0307
W2, L
Nominal reference period (fs), Bits[31:24]
0x00
0x0308
W2, L
Nominal reference period (fs), Bits[39:32]
0x00
0x0309
W2, L
REFA
frequency
tolerance
Inner tolerance (1/(ppm error)), Bits[7:0] (for invalid to valid condition; maximum: 6.55%, minimum: 2 ppm) (default: 5%)
0x14
0x030A
W2, L
Inner tolerance (1/(ppm error)), Bits[15:8] (for invalid to valid condition; maximum: 6.55%, minimum: 2 ppm)
0x00
0x030B
W2, L
Reserved
Inner tolerance (1/(ppm error)), Bits[19:16]
0x00
0x030C
W2, L
Outer tolerance (1/(ppm error)), Bits[7:0] (for valid to invalid; maximum: 6.55%, minimum: 2 ppm) (default: 10%)
0x0A
0x030D
W2, L
Outer tolerance (1/(ppm error)), Bits[15:8] (for valid to invalid; max: 6.55%, min: 2 ppm)
0x00
0x030E
W2, L
Reserved
Outer tolerance (1/(ppm error)), Bits[19:16]
0x00
0x030F
W2, L
REFA
validation
timer
Validation timer (ms), Bits[7:0] (up to 65.5 sec)
0x0A
0x0310
W2, L
Validation timer (ms), Bits[15:8] (up to 65.5 sec)
0x00
0x0311
W3, L
REFA
phase lock
detector
Phase lock threshold (ps), Bits[7:0]
0xBC
0x0312
W3, L
Phase lock threshold (ps), Bits[15:8]
0x02
0x0313
W3, L
Phase lock threshold (ps), Bits[23:16]
0x00
0x0314
W3, L
Phase lock fill rate, Bits[7:0]
0x0A
0x0315
W3, L
Phase lock drain rate, Bits[7:0]
0x0A
0x0316
W3, L
REFA
frequency
lock
detector
Frequency lock threshold (ps), Bits[7:0]
0xBC
0x0317
W3, L
Frequency lock threshold (ps), Bits[15:8]
0x02
0x0318
W3, L
Frequency lock threshold (ps), Bits[23:16]
0x00
0x0319
W3, L
Frequency lock fill rate, Bits[7:0]
0x0A
0x031A
W3, L
Frequency lock drain rate, Bits[7:0]
0x0A
0x031B
W3, L
REFA phase
step
threshold
Phase step threshold (ps), Bits[7:0]
0x00
0x031C
W3, L
Phase step threshold (ps), Bits[15:8]
0x00
0x031D
W3, L
Phase step threshold (ps), Bits[23:16]
0x00
0x031E
W3, L
Reserved
Phase step threshold (ps), Bits[27:24]
0x00
Reference Input B
0x0320
to
0x033E
These registers mimic the Reference Input A registers (0x0300 through 0x031E) but the register addresses are offset by
0x0020. All default values are identical.
Reference Input C
0x0340
to
0x035E
These registers mimic the Reference Input A registers (0x0300 through 0x031E) but register addresses are offset by
0x0040. All default values are identical.
Reference Input D
0x0360
to
0x037E
These registers mimic the Reference Input A registers (0x0300 through 0x031E) but the register addresses are offset by
0x0060. All default values are identical.
DPLL_0 General Settings
0x0400
DPLL_0
free run
frequency
TW
30-bit free running frequency tuning word, Bits[7:0]
0x00
0x0401
30-bit free running frequency tuning word, Bits[15:8]
0x00
0x0402
30-bit free running frequency tuning word, Bits[23:16]
0x00
0x0403
Reserved
30-bit free running frequency tuning word, Bits[29:24]
0x00
0x0404
DPLL_0
DCO integer
Reserved
DCO integer, Bits[3:0]
0x17
0x0405
DPLL_0
frequency
clamp
Lower limit of pull-in range, Bits[7:0]
0xCC
0x0406
Lower limit of pull-in range, Bits[15:8]
0xCC
0x0407
Reserved
Lower limit of pull-in range, Bits[19:16]
0x00
0x0408
Upper limit of pull-in range, Bits[7:0]
0x33
0x0409
Upper limit of pull-in range, Bits[15:8]
0x33
0x040A
Reserved
Upper limit of pull-in range, Bits[19:16]
0x0F
0x040B
DPLL_0
holdover
history
History accumulation timer (ms), Bits[7:0] (up to 65 sec)
0x0A
0x040C
History accumulation timer (ms), Bits[15:8] (up to 65 sec)
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com