Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9554 Datasheet HTML 81Page - Analog Devices AD9554 Datasheet HTML 82Page - Analog Devices AD9554 Datasheet HTML 83Page - Analog Devices AD9554 Datasheet HTML 84Page - Analog Devices AD9554 Datasheet HTML 85Page - Analog Devices AD9554 Datasheet HTML 86Page - Analog Devices AD9554 Datasheet HTML 87Page - Analog Devices AD9554 Datasheet HTML 88Page - Analog Devices AD9554 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 85 of 116
Table 82. DPLL_0 REFB Integer Part of Feedback (N0) Divider
Address
Bits
Bit Name
Description
0x0451
[7:0]
Digital PLL_0 feedback divider—Integer Part N0
Digital PLL_0 integer feedback divider (minus 1), Bits[7:0]. Default: 0x00.
0x0452
[7:0]
Digital PLL_0 integer feedback divider, Bits[15:8]. Default: 0x00.
0x0453
[7:2]
Reserved
Default: 0x00.
[1:0]
Digital PLL_0 feedback divider—Integer Part N0
Digital PLL_0 integer feedback divider, Bits[17:16]. Default: 00.
Table 83. DPLL_0 REFB Fractional Part of Fractional Feedback Divider—FRAC0
Address
Bits
Bit Name
Description
0x0454
[7:0]
Digital PLL_0 fractional
feedback divider—FRAC0
The numerator of the fractional-N feedback divider, Bits[7:0]. Default: 0x00.
0x0455
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8]. Default: 0x00.
0x0456
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:16]. Default: 0x00.
Table 84. DPLL_0 REFB Modulus of Fractional Feedback Divider—MOD0
Address
Bits
Bit Name
Description
0x0457
[7:0]
Digital PLL_0 feedback
divider modulus—MOD0
The denominator of the fractional-N feedback divider, Bits[7:0]. Default: 0x00.
0x0458
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8]. Default: 0x00.
0x0459
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:16]. Default: 0x00.
DPLL_0 SETTINGS FOR REFERENCE INPUT C (REFC) (REGISTER 0x045A TO REGISTER 0x0466)
Table 85. DPLL_0 REFC Priority Setting
Address
Bits
Bit Name
Description
0x045A
[7:3]
Reserved
Default: 00000b.
[2:1]
REFC priority
These bits set the priority level (0 to 3) of REFC relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFC
This bit enables DPLL_0 to lock to REFC.
0 (default) = REFC is not enabled for use by DPLL_0.
1 = REFC is enabled for use by DPLL_0.
Table 86. DPLL_0 REFC Loop Bandwidth Scaling Factor
Address
Bits
Bit Name
Description
0x045B
[7:0]
Digital PLL_0 loop
bandwidth scaling factor
(unit of 0.1 Hz)
Digital PLL_0 loop bandwidth scaling factor, Bits[7:0]. Default: 0x00.
0x045C
[7:0]
Digital PLL_0 loop bandwidth scaling factor, Bits[15:8]. Default: 0x00. The default for
Register 0x045B to Register 0x045D = 0x000000. The loop bandwidth must always be
less than the DPLL phase detector frequency divided by 20. The DPLL may not lock
reliably if the DPLL loop bandwidth is <50 Hz and a crystal is used for the system clock.
See the Choosing the SYSCLK Source section for details.
0x045D
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin. For loop bandwidth ≤2 kHz, there is ≤0.1 dB
peaking in the closed-loop transfer function. Setting this bit is also recommended for
loop bandwidths >2 kHz.)
0
Digital PLL_0 loop BW
scaling factor (unit of 0.1 Hz)
Digital PLL_0 loop bandwidth scaling factor, Bit 16 (default: 0b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com