Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9554 Datasheet HTML 72Page - Analog Devices AD9554 Datasheet HTML 73Page - Analog Devices AD9554 Datasheet HTML 74Page - Analog Devices AD9554 Datasheet HTML 75Page - Analog Devices AD9554 Datasheet HTML 76Page - Analog Devices AD9554 Datasheet HTML 77Page - Analog Devices AD9554 Datasheet HTML 78Page - Analog Devices AD9554 Datasheet HTML 79Page - Analog Devices AD9554 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 76 of 116
Table 51. System Clock Stability Period
Address
Bits
Bit Name
Description
0x0206
[7:0]
System clock stability period
(ms), Bits[15:0]
System clock period, Bits[7:0]. The system clock stability period is the amount of time
that the system clock PLL must be locked before it is declared stable. The system clock
stability period is reset automatically if the user writes to this register. The system clock
stability period restarts on the next IO_UPDATE (Register 0x000F = 0x01). Default: 0x32
(0x000032 = 50 ms).
0x0207
[7:0]
System clock period, Bits[15:8]. The system clock stability period is reset automatically if
the user writes to this register. The system clock stability timer restarts on the next
IO_UPDATE (Register 0x000F = 0x01). Default: 0x00.
0x0208
[7:4]
Reserved
Default: 0x0.
[3:0]
System clock stability period,
Bits[19:16]
System clock period, Bits[19:16]. The system clock stability period is reset automatically
if the user writes to this register. The system clock stability period restarts on the next
IO_UPDATE (Register 0x000F = 0x01). Default: 0x0. The units are in milliseconds.
REFERENCE INPUT A (REGISTER 0x0300 TO REGISTER 0x031E)
Table 52. REFA Logic Type
Address
Bits
Bit Name
Description
0x0300
[7:2]
Reserved
Default: 000000b.
[1:0]
REFA logic type, Bits[1:0]
Selects logic family for REFA input receiver; only the REFA pin is used in CMOS mode.
00b (default) = 1.8 V or 1.5 V single-ended CMOS.
01b = ac-coupled differential.
10b = dc-coupled LVDS (fIN ≤ 10.24 MHz).
11b = unused.
Table 53. REFA R Divider (20 Bits) DPLL
Address
Bits
Bit Name
Description
0x0301
[7:0]
R divider, Bits[15:0]
DPLL integer reference divider (minus 1), Bits[7:0]. Default: 0x00. (For example, 0x00000
equals an R divider of 1.)
0x0302
[7:0]
DPLL integer reference divider (minus 1), Bits[15:8]. Default: 0x00.
0x0303
[7:4]
Reserved
Default: 0x0.
[3:0]
R divider, Bits[19:16]
DPLL integer reference divider (minus 1), Bits[19:16]. Default: 0x0.
Table 54. Nominal Period of REFA Input Clock
Address
Bits
Bit Name
Description
0x0304
[7:0]
REFA period (fs), Bits[39:0]
Nominal reference period, Bits[7:0]. Default: 0x00.
0x0305
[7:0]
Nominal reference period, Bits[15:8]. Default: 0x00.
0x0306
[7:0]
Nominal reference period, Bits[23:16]. Default: 0x00.
0x0307
[7:0]
Nominal reference period, Bits[31:24]. Default: 0x00.
0x0308
[7:0]
Nominal reference period, Bits[39:32]. Default: 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com