Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 96 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9554 Datasheet HTML 92Page - Analog Devices AD9554 Datasheet HTML 93Page - Analog Devices AD9554 Datasheet HTML 94Page - Analog Devices AD9554 Datasheet HTML 95Page - Analog Devices AD9554 Datasheet HTML 96Page - Analog Devices AD9554 Datasheet HTML 97Page - Analog Devices AD9554 Datasheet HTML 98Page - Analog Devices AD9554 Datasheet HTML 99Page - Analog Devices AD9554 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 96 of 116
Table 112. PLL_0 User Mode
Address
Bits
Bit Name
Description
0x0A22
7
Reserved
Default: 0b.
[6:5]
DPLL_0 manual reference
Input reference when user selection mode = 00, 01, 10, or 11.
00 (default) = Input Reference A.
01 = Input Reference B.
10 = Input Reference C.
11 = Input Reference D.
[4:2]
DPLL_0 switching mode
Selects the operating mode of the reference switching state machine.
Reference Switchover
Mode, Bits[2:0]
Reference Selection Mode
000b
Automatic revertive mode
001b
Automatic nonrevertive mode
010b
Manual reference select mode (with automatic fallback)
011b
Manual reference select mode (with holdover fallback)
100b
Manual reference select mode (without holdover fallback)
101b
Not used
110b
Not used
111b
Not used
1
DPLL_0 user holdover
Forces DPLL_0 into holdover mode. Note that the AD9554 enters free run mode if this bit is
set when there is no holdover history available.
0 (default) = normal operation.
1 = DPLL_0 is forced into holdover mode until this bit is cleared. Note that holdover mode is
used if the holdover history is available. User free run mode is used if the holdover history is
not available. See Register 0x0D22, Bit 0 for the DPLL_0 history available indication.
0
DPLL_0 user free run
Forces DPLL_0 into free run mode.
0 (default) = normal operation.
1 = DPLL_0 is forced into free run mode until this bit is cleared.
Table 113. PLL_0 Reset
Address
Bits
Bit Name
Description
0x0A23
[7:3]
Reserved
Default: 00000b.
2
Reset DPLL_0 loop filter
Resets the digital loop filter.
0 (default) = normal operation.
1 = DPLL_0 digital loop filter is reset. This is an autoclearing bit.
1
Reset DPLL_0 TW history
Resets the tuning word history (part of holdover functionality).
0 (default) = normal operation.
1 = DPLL_0 tuning word history is reset. This is an autoclearing bit.
0
Reset DPLL_0 autosync
Resets the automatic synchronization logic (see Register 0x0435).
0 (default) = normal operation.
1 = DPLL_0 automatic synchronization logic is reset. This is an autoclearing bit.
Table 114. PLL_0 Phase
Address
Bits
Bit Name
Description
0x0A24
[7:3]
Reserved
Default: 00000b.
2
DPLL_0 reset phase offset
Resets the incremental phase offset to zero. This is an autoclearing bit.
1
DPLL_0 decrement phase offset
Decrements the incremental phase offset by the amount specified in the incremental
phase lock offset step size registers (Register 0x0412 and Register 0x0413). This is an
autoclearing bit.
0
DPLL_0 increment phase offset
Increments the incremental phase offset by the amount specified in the incremental
phase lock offset step size registers (Register 0x0412 and Register 0x0413). This is an
autoclearing bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com