Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 83 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9554 Datasheet HTML 79Page - Analog Devices AD9554 Datasheet HTML 80Page - Analog Devices AD9554 Datasheet HTML 81Page - Analog Devices AD9554 Datasheet HTML 82Page - Analog Devices AD9554 Datasheet HTML 83Page - Analog Devices AD9554 Datasheet HTML 84Page - Analog Devices AD9554 Datasheet HTML 85Page - Analog Devices AD9554 Datasheet HTML 86Page - Analog Devices AD9554 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 83 of 116
Table 74. Q0_B Divider Setting
Address
Bits
Bit Name
Description
0x043C
[7:0]
Q0_B divider, Bits[7:0]
10-bit channel divider, Bits[7:0] (LSB). Default: 0x00.
Division equals channel divider, Bits[9:0] + 1.
[9:0] = 0 is divide-by-1.
[9:0] = 1 is divide-by-2.
…
[9:0] = 1023 is divide-by-1024.
0x043D
[7:2]
Reserved
Default: 0x00.
[1:0]
Q0_B divider, Bits[9:8]
10-bit channel divider, Bits[9:8] (MSB).
0x043E
[7:6]
Reserved
Default: 0x0.
[5:0]
Q0_B divider phase,
Bits[5:0]
Divider initial phase after sync relative to the divider input clock (from the P0 divider output).
LSB is ½ of a period of the divider input clock. Default: 0x0.
Phase = 0 is no phase offset.
Phase = 1 is ½ a period offset.
DPLL_0 SETTINGS FOR REFERENCE INPUT A (REFA) (REGISTER 0x0440 TO REGISTER 0x044C)
Table 75. DPLL_0 REFA Priority Setting
Address
Bits
Bit Name
Description
0x0440
[7:3]
Reserved
Default: 00000b.
[2:1]
REFA priority
These bits set the priority level (0 to 3) of REFA relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFA
This bit enables DPLL_0 to lock to REFA.
0 (default) = REFA is not enabled for use by DPLL_0.
1 = REFA is enabled for use by DPLL_0.
Table 76. DPLL_0 REFA Loop Bandwidth Scaling Factor
Address
Bits
Bit Name
Description
0x0441
[7:0]
Digital PLL_0 loop
bandwidth scaling
factor, Bits[15:0] (unit
of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0]. Default: 0x0.
0x0442
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8]. Default: 0x00. The default for
Register 0x0441 to Register 0x0443 = 0x000000. The loop bandwidth must always be less than
the DPLL phase detector frequency divided by 50. The DPLL may not lock reliably if the DPLL
loop bandwidth is <50 Hz and a crystal is used for the system clock. See the Choosing the
SYSCLK Source section for details.
0x0443
[7:2]
Reserved
Default: 0x00.
1
Base loop filter
selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin. (For loop bandwidth ≤2 kHz, there is ≤0.1 dB
peaking in the closed-loop transfer function. Setting this bit is also recommended for loop
bandwidths >2 kHz.)
0
Digital PLL_0 loop BW
scaling factor, Bit 16
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bit 16. Default: 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com