Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9554 Datasheet HTML 40Page - Analog Devices AD9554 Datasheet HTML 41Page - Analog Devices AD9554 Datasheet HTML 42Page - Analog Devices AD9554 Datasheet HTML 43Page - Analog Devices AD9554 Datasheet HTML 44Page - Analog Devices AD9554 Datasheet HTML 45Page - Analog Devices AD9554 Datasheet HTML 46Page - Analog Devices AD9554 Datasheet HTML 47Page - Analog Devices AD9554 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
AD9554
Data Sheet
Rev. D | Page 44 of 116
STATUS AND CONTROL
MULTIFUNCTION PINS (M0 TO M9)
The AD9554 has ten digital CMOS input/output pins (M0 to
M9) that are configurable for a variety of uses. The function of
these pins is programmable via the register map. Each pin can
control or monitor an assortment of internal functions based on
Register 0x0103 to Register 0x010C.
The Mx pins feature a special write detection logic that prevents
these pins from behaving unpredictably when the Mx pins function
changes. When the user writes to these registers, the existing
Mx pin function stops. The new Mx pin function takes effect
on the next IO_UPDATE (Register 0x000F = 0x01).
The Mx pins operate in one of four modes: active high CMOS,
active low CMOS, open-drain PMOS, and open-drain NMOS.
Table 23. Mx Pins Four Modes of Operation
Setting
Mode
Description
00
Active
high
CMOS
When deasserted, the Mx pin is Logic 0.
When asserted, the Mx pin is Logic 1,
which is the default operating mode
01
Active low
CMOS
When deasserted, the Mx pin is Logic 1.
When asserted, the Mx pin is Logic 0.
10
Open-
drain
PMOS
When deasserted, the Mx pin is high
impedance.
When the Mx pin is asserted, it is active
high; it requires an external pull-down
resistor.
11
Open-
drain
NMOS
When deasserted, the Mx pin is high
impedance.
When the Mx pin is asserted, it is active
low; it requires an external pull-up
resistor.
To monitor an internal function with a multifunction pin, write
a Logic 1 to the most significant bit of the register associated
with the desired multifunction pin. The value of the seven least
significant bits of the register defines the control function, as
shown in Table 154.
To control an internal function with a multifunction pin, write a
Logic 0 to the most significant bit of the register associated with
the desired multifunction pin. The monitored function depends
on the value of the seven least significant bits of the register, as
shown in Table 155.
Note that each Mx pin has an open-drain mode that allows the
user to perform logical AND and logical OR functions with the
Mx pin outputs. For instance, it is possible to connect the IRQ
lines of multiple AD9554s on one board together and to make
the IRQ line the logical OR of each AD9554 IRQ line.
It is also possible to have an input function like IRQ clearing to
be the logical combination of multiple inputs. For example, IRQ
clearing is desired only if M2 is high and M3 is low, and either
M0 is high or M1 is low.
In function form, this is the following:
Result = (M0 || !M1) && M2 && !M3
To accomplish this, set the M0 through M3 pins as the IRQ clearing
function, and set the Mx pin modes of operation as the following:
M0 = OR true signal (Register 0x100[1:0] = 10)
M1 = OR inverted signal (Register 0x100[3:2] = 11)
M2 = AND true signal (Register 0x100[5:4] = 00)
M3 = AND inverted signal (Register 0x100[7:6] = 01)
IRQ FUNCTION
The AD9554 IRQ function can be assigned to any Mx pin.
There are five IRQ categories: PLL0, PLL1, PLL2, PLL3, and
common. This means an Mx pin can be set to respond only to
IRQs that relate to one of the PLLs or to common functions. An
Mx pin can also be set to respond to all IRQs.
The AD9554 asserts an IRQ when any bit in the IRQ monitor
register (Register 0x0D08 to Register 0x0D16) is a Logic 1. Each
bit in this register is associated with an internal function that is
capable of producing an interrupt. Furthermore, each bit of the
IRQ monitor register is the result of a logical AND of the associated
internal interrupt signal and the corresponding bit in the IRQ
mask register (Register 0x010F to Register 0x011D). That is, the
bits in the IRQ mask registers have a one-to-one correspondence
with the bits in the IRQ monitor registers. When an internal
function produces an interrupt signal and the associated IRQ
mask bit is set, the corresponding bit in the IRQ monitor register is
set. Be aware that clearing a bit in the IRQ mask register removes
only the mask associated with the internal interrupt signal. It does
not clear the corresponding bit in the IRQ monitor register.
The IRQ function is edge triggered which means that if the
condition that generated an IRQ (for example, loss of DPLL_0
lock) still exists after an IRQ is cleared, the IRQ does not reactivate
until DPLL_0 lock is restored and lost again. However, if the IRQs
are enabled when DPLL_0 is not locked, an IRQ is generated.
The IRQ function of an Mx pin is the result of a logical OR of
all the IRQ monitor register bits. The AD9554 asserts an IRQ as
long as any of the IRQ monitor register bits is a Logic 1. Note
that it is possible to have multiple bits set in the IRQ monitor
registers. Therefore, when the AD9554 asserts an IRQ, it may
indicate an interrupt from several different internal functions. The
IRQ monitor registers provide a way to interrogate the AD9554 to
determine which internal function(s) produced the interrupt.
Typically, when the AD9554 asserts an IRQ, the user interrogates
the IRQ monitor registers to identify the source of the interrupt
request. After servicing an indicated interrupt, the user must
clear the associated IRQ monitor register bit via the IRQ clearing
registers (Address 0x0A05 to Address 0x0A14). The bits in the
IRQ clearing registers have a one-to-one correspondence with
the bits in the IRQ monitor registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com