Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9554 Datasheet HTML 3Page - Analog Devices AD9554 Datasheet HTML 4Page - Analog Devices AD9554 Datasheet HTML 5Page - Analog Devices AD9554 Datasheet HTML 6Page - Analog Devices AD9554 Datasheet HTML 7Page - Analog Devices AD9554 Datasheet HTML 8Page - Analog Devices AD9554 Datasheet HTML 9Page - Analog Devices AD9554 Datasheet HTML 10Page - Analog Devices AD9554 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 7 of 116
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Input Capacitance
3
pF
Single-ended to ground, each pin
Input Resistance
5
kΩ
CRYSTAL RESONATOR PATH
Crystal Resonator Frequency Range
12
50
MHz
Fundamental mode, AT cut crystal
Input Capacitance
3
pF
Single-ended to ground, each pin
Maximum Crystal Motional Resistance
100
Ω
REFERENCE INPUTS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
AC couple inputs in differential mode
Frequency Range
Sinusoidal Input
10
475
MHz
LVPECL Input
0.002
1000
MHz
LVDS Input
0.002
700
MHz
Assumes an LVDS minimum of 494 mV p-p differential
amplitude
Minimum Input Slew Rate
Minimum limit imposed for jitter performance
DPLL Loop Bandwidth = 50 Hz
40
V/μs
DPLL Loop Bandwidth = 4 kHz
50
V/μs
Maximum loop bandwidth is fPFD/50
Common-Mode Input Voltage
0.64
V
Internally generated self-bias voltage
Differential Input Voltage Sensitivity
Peak-to-peak differential voltage swing across pins
required to ensure switching between logic levels as
measured with a differential probe; instantaneous voltage
on either pin must not exceed 1.3 V
fIN < 400 MHz
400
2100
mV p-p
fIN = 400 MHz to 750 MHz
500
2100
mV p-p
fIN = 750 MHz to 1000 MHz
1000
2100
mV p-p
Differential Input Voltage Hysteresis
55
100
mV
Input Resistance
16
kΩ
Equivalent differential input resistance
Input Capacitance
9
pF
Single-ended to ground, each pin
Minimum Pulse Width High
LVPECL
460
ps
LVDS
560
ps
Minimum Pulse Width Low
LVPECL
460
ps
LVDS
560
ps
DC-COUPLED LVDS MODE
Intended for dc-coupled LVDS ≤10.24 MHz
Frequency Range
0.002
10.24
MHz
Minimum Input Slew Rate
Minimum limit imposed for jitter performance
DPLL Loop Bandwidth = 50 Hz
40
V/μs
DPLL Loop Bandwidth = 4 kHz
150
V/μs
Maximum loop bandwidth is fPFD/50
Common-Mode Input Voltage
1.125
1.375
V
Differential Input Voltage Sensitivity
400
1200
mV
Differential voltage across pins required to ensure
switching between logic levels; instantaneous voltage on
either pin must not exceed the supply rails
Differential Input Voltage Hysteresis
55
100
mV
Input Resistance
21
kΩ
Input Capacitance
7
pF
Minimum Pulse Width High
25
ns
Minimum Pulse Width Low
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com