Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 102 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 98Page - Analog Devices AD9136-EBZ Datasheet HTML 99Page - Analog Devices AD9136-EBZ Datasheet HTML 100Page - Analog Devices AD9136-EBZ Datasheet HTML 101Page - Analog Devices AD9136-EBZ Datasheet HTML 102Page - Analog Devices AD9136-EBZ Datasheet HTML 103Page - Analog Devices AD9136-EBZ Datasheet HTML 104Page - Analog Devices AD9136-EBZ Datasheet HTML 105Page - Analog Devices AD9136-EBZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 102 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x203
GENERIC_PD
[7:2]
RESERVED
Reserved.
0x0
R
1
SPI_SYNC1_PD
Power down LVDS buffer for SYNCOUT0±.
0x0
R/W
0
SPI_SYNC2_PD
Power down LVDS buffer for SYNCOUT1±.
0x0
R/W
0x206
CDR_RESET
[7:1]
RESERVED
Reserved.
0x0
R
0
SPI_CDR_RESETN
Resets the Digital Control Logic for All PHYs.
0x1
R/W
0
Hold CDR in reset
1
Enable CDR
0x230
CDR_OPERATING_
MODE_REG_0
[7:6]
RESERVED
Reserved.
0x0
R
5
ENHALFRATE
Enables Half-Rate CDR Operation. Set to 1
when 5.75 Gbps ≤ lane rate ≤ 12.4 Gbps.
0x1
R/W
[4:2]
RESERVED
Must write the default value for proper
operation.
0x2
R/W
1
CDR_OVERSAMP
Enables Oversampling of the Input Data. Set
to 1 when 1.44 Gbps ≤ lane rate ≤ 3.1 Gbps.
0x0
R/W
0
RESERVED
Reserved.
0x0
R
0x232
DEVICE_CONFIG_
REG_3
[7:0]
DEVICE_CONFIG_3
Must be set to 0xFF for proper JESD interface
configuration.
0x0
R/W
0x268
EQ_BIAS_REG
[7:6]
EQ_POWER_
MODE
Control the Equalizer Power/Insertion Loss
Capability.
0x1
R/W
00
Normal mode
01
Low power mode
[5:0]
RESERVED
Must write the default value for proper
operation.
0x22
R/W
0x280
SERDESPLL_
ENABLE_CNTRL
[7:3]
RESERVED
Reserved.
0x0
R
2
RECAL_SERDESPLL
Recalibrate SERDES PLL. On a rising edge,
recalibrate the SERDES PLL.
0x0
R/W
1
RESERVED
Reserved.
0x0
R
0
ENABLE_
SERDESPLL
Enable the SERDES PLL. Setting this bit
enables and calibrates the SERDES PLL.
0x0
R/W
0x281
PLL_STATUS
[7:6]
RESERVED
Reserved.
0x0
R
5
SERDES_PLL_
OVERRANGE_H
SERDES PLL High Overrange. This bit
indicates that the SERDES PLL hit the lower
edge of its operating band. Recalibrate.
0x0
R
4
SERDES_PLL_
OVERRANGE_L
SERDES PLL Low Overrange. This bit
indicates that the SERDES PLL hit the lower
edge of its operating band. Recalibrate.
0x0
R
3
SERDES_PLL_CAL_
VALID_RB
SERDES PLL Calibration Valid. This bit
indicates that the SERDES PLL has been
successfully calibrated.
0x0
R
[2:1]
RESERVED
Reserved.
0x0
R
0
SERDES_PLL_
LOCK_RB
SERDES PLL Lock. This bit is set high by the PLL
when it has achieved lock.
0x0
R
0x284
LOOP_FILTER_1
[7:0]
LOOP_FILTER_1
SERDES PLL loop filter setting. This register
must be written to 0x62 for optimal
performance.
0x77
R/W
0x285
LOOP_FILTER_2
[7:0]
LOOP_FILTER_2
SERDES PLL loop filter setting. This register
must be written to 0xC9 for optimal
performance.
0x87
R/W
0x286
LOOP_FILTER_3
[7:0]
LOOP_FILTER_3
SERDES PLL loop filter setting. This register
must be written to 0x0E for optimal
performance.
0x08
R/W
0x287
SERDES_PLL_CP1
[7:0]
SERDES_PLL_CP1
SERDES PLL charge pump setting. This
register must be written to 0x12 for optimal
performance.
0x3F
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com