Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 106 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 102Page - Analog Devices AD9136-EBZ Datasheet HTML 103Page - Analog Devices AD9136-EBZ Datasheet HTML 104Page - Analog Devices AD9136-EBZ Datasheet HTML 105Page - Analog Devices AD9136-EBZ Datasheet HTML 106Page - Analog Devices AD9136-EBZ Datasheet HTML 107Page - Analog Devices AD9136-EBZ Datasheet HTML 108Page - Analog Devices AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 106 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x30D
FIFO_STATUS_REG_1
[7:0]
LANE_FIFO_EMPTY
FIFO Empty Flags for Each Logical Lane. An
empty FIFO indicates an error in the JESD204B
configuration or with a system clock.
0x0
R
If the FIFO for Logical Lane x is empty, Bit x in
this register will be high.
0x312
SYNCB_GEN_1
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:4]
SYNCB_ERR_DUR
Duration of SYNCOUTx± Low for Error. The
duration applies to both SYNCOUT0
and SYNCOUT1. A sync error is asserted at
the end of a multiframe whenever one or
more disparity, not in table or unexpected
control character errors are encountered.
0
½ PCLK cycle
1
1 PCLK cycle
2
2 PCLK cycles
[3:0]
RESERVED
Reserved.
0x0
R/W
0x314
SERDES_SPI_REG
[7:0]
SERDES_SPI_
CONFIG
SERDES SPI Configuration. Must be written to
0x01 as part of the Physical Layer setup step.
0x0
R/W
0x315
PHY_PRBS_TEST_EN
[7:0]
PHY_TEST_EN
PHY Test Enable. Enables the PHY BER test.
0x0
R/W
Set Bit x to enable the PHY test for Lane x.
0x316
PHY_PRBS_TEST_CTRL
7
RESERVED
Reserved.
0x0
R
[6:4]
PHY_SRC_ERR_CNT
PHY Error Count Source. Selects which PHY
errors are being reported in Register 0x31A
to Register 0x31C.
0x0
R/W
x
Report Lane x error count
[3:2]
PHY_PRBS_PAT_SEL
PHY PRBS Pattern Select. Selects the PRBS
pattern for PHY BER test.
0x0
R/W
00
PRBS7
01
PRBS15
10
PRBS31
1
PHY_TEST_START
PHY PRBS Test Start. Starts and stops the PHY
PRBS test.
0x0
R/W
0
Test stopped
1
Test in progress
0
PHY_TEST_RESET
PHY PRBS Test Reset. Resets the PHY PRBS
test state machine and error counters.
0x0
R/W
0
Enable PHY PRBS test state machine
1
Hold PHY PRBS test state machine in reset
0x317
PHY_PRBS_TEST_
THRESHOLD_LOBITS
[7:0]
PHY_PRBS_
THRESHOLD[7:0]
8 LSBs of PHY PRBS Error Threshold.
0x0
R/W
0x318
PHY_PRBS_TEST_
THRESHOLD_
MIDBITS
[7:0]
PHY_PRBS_
THRESHOLD[15:8]
8 ISBs of PHY PRBS Error Threshold.
0x0
R/W
0x319
PHY_PRBS_TEST_
THRESHOLD_HIBITS
[7:0]
PHY_PRBS_
THRESHOLD[23:16]
8 MSBs of PHY PRBS Error Threshold.
0x0
R/W
0x31A
PHY_PRBS_TEST_
ERRCNT_LOBITS
[7:0]
PHY_PRBS_ERR_
CNT[7:0]
8 LSBs of PHY PRBS Error Count.
Reported PHY BERT error count from lane
selected using Register 0x316[6:4].
0x0
R
0x31B
PHY_PRBS_TEST_
ERRCNT_MIDBITS
[7:0]
PHY_PRBS_ERR_
CNT[15:8]
8 ISBs of PHY PRBS Error Count.
0x0
R
0x31C
PHY_PRBS_TEST_
ERRCNT_HIBITS
[7:0]
PHY_PRBS_ERR_
CNT[23:16]
8 MSBs of PHY PRBS Error Count.
0x0
R
0x31D
PHY_PRBS_TEST_
STATUS
[7:0]
PHY_PRBS_PASS
PHY PRBS Test Pass/Fail.
0xFF
R
Bit x corresponds to PHY PRBS pass/fail for
Physical Lane x.
The bit is set to 1 while the error count for
Physical Lane x is less than
PHY_PRBS_THRESHOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com