Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 110 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 110 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 106Page - Analog Devices AD9136-EBZ Datasheet HTML 107Page - Analog Devices AD9136-EBZ Datasheet HTML 108Page - Analog Devices AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices AD9136-EBZ Datasheet HTML 112Page - Analog Devices AD9136-EBZ Datasheet HTML 113Page - Analog Devices AD9136-EBZ Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 110 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x42A
LID4_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID4_RD
Lane Identification for Link Lane 4.
0x0
R
0x42D
CHECKSUM4_REG
[7:0]
FCHK4_RD
Checksum for Link Lane 4.
0x0
R
0x42E
COMPSUM4_REG
[7:0]
FCMP4_RD
Computed Checksum for Link Lane 4 (see the
description for Register 0x40E).
0x0
R
0x432
LID5_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID5_RD
Lane Identification for Link Lane 5.
0x0
R
0x435
CHECKSUM5_REG
[7:0]
FCHK5_RD
Checksum for Link Lane 5.
0x0
R
0x436
COMPSUM5_REG
[7:0]
FCMP5_RD
Computed Checksum for Link Lane 5 (see the
description for Register 0x40E).
0x0
R
0x43A
LID6_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID6_RD
Lane Identification for Link Lane 6.
0x0
R
0x43D
CHECKSUM6_REG
[7:0]
FCHK6_RD
Checksum for Link Lane 6.
0x0
R
0x43E
COMPSUM6_REG
[7:0]
FCMP6_RD
Computed Checksum for Link Lane 6 (see the
description for Register 0x40E).
0x0
R
0x442
LID7_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID7_RD
Lane Identification for Link Lane 7.
0x0
R
0x445
CHECKSUM7_REG
[7:0]
FCHK7_RD
Checksum for Link Lane 7.
0x0
R
0x446
COMPSUM7_REG
[7:0]
FCMP7_RD
Computed Checksum for Link Lane 7 (see the
description for Register 0x40E).
0x0
R
0x450
ILS_DID
[7:0]
DID
Device Identification Number. Link information
received on Link Lane 0 as specified in
Section 8.3 of JESD204B. Must be set to value
read in Register 0x400.
0x0
R/W
0x451
ILS_BID
[7:4]
ADJCNT
Adjustment Resolution to DAC LMFC Must
be set to 0.
0x0
R/W
[3:0]
BID
Bank Identification: Extension to DID Must be
set to value read in Register 0x401[3:0].
0x0
R/W
0x452
ILS_LID0
7
RESERVED
Reserved.
0x0
R
6
ADJDIR
Direction to Adjust DAC LMFC. Must be set to 0.
0x0
R/W
5
PHADJ
Phase Adjustment Request to DAC. Must be
set to 0.
0x0
R/W
[4:0]
LID0
Lane Identification for Link Lane 0. Must be set
to the value read in Register 0x402[4:0].
0x0
R/W
0x453
ILS_SCR_L
7
SCR
Receiver Descrambling Enable.
0x1
R/W
0
Descrambling is disabled
1
Descrambling is enabled
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
L-1
Number of Lanes per Converter Device. See
Table 34 and Table 35.
0x3
R/W
0
One lane per converter
1
Two lanes per converter
3
Four lanes per converter
7
Eight lanes per converter (single link only)
0x454
ILS_F
[7:0]
F-1
Number of Octets per Lane per Frame. Settings
of 1, 2, and 4 (octets per lane) per frame are
valid. See Table 34 and Table 35.
0x0
R/W
0
(One octet per lane) per frame
1
(Two octets per lane) per frame
3
(Four octets per lane) per frame
0x455
ILS_K
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
K-1
Number of Frames per Multiframe. Settings
of 16 or 32 are valid. Must be set to 32 when
F = 1 (Register 0x476).
0x1F
R/W
0x0F
16 frames per multiframe
0x1F
32 frames per multiframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com