Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 112 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 112 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 108Page - Analog Devices AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices AD9136-EBZ Datasheet HTML 112Page - Analog Devices AD9136-EBZ Datasheet HTML 113Page - Analog Devices AD9136-EBZ Datasheet HTML 114Page - Analog Devices AD9136-EBZ Datasheet HTML 115Page - Analog Devices AD9136-EBZ Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 112 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x46D
BADDISPARITY
7
RST_IRQ_DIS
BADDIS IRQ Reset. Reset BADDIS IRQ for lane
selected via Bits[2:0] by writing 1 to this bit.
0x0
W
6
DISABLE_ERR_
CNTR_DIS
BADDIS Error Counter Disable. Disable the
BADDIS error counter for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
5
RST_ERR_CNTR_DIS
BADDIS Error Counter Reset. Reset BADDIS
error counter for lane selected via Bits[2:0] by
writing 1 to this bit.
0x0
W
[4:3]
RESERVED
Reserved.
0x0
R
[2:0]
LANE_ADDR_DIS
Link Lane Address for Functions Described in
Bits[7:5].
0x0
W
0x46E
NIT_RB
[7:0]
NIT
Not in table Character Error (NIT). Bit x is set
when Link Lane x’s NIT error count reaches
the threshold in Register 0x47C.
0x0
R
0x46E
NIT_W
7
RST_IRQ_NIT
IRQ Reset. Reset IRQ for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
6
DISABLE_ERR_
CNTR_NIT
Disable Error Counter. Disable the error
counter for lane selected via Bits[2:0] by
writing 1 to this bit.
0x0
W
5
RST_ERR_CNTR_NIT
Reset Error Counter. Reset error counter for lane
selected via Bits[2:0] by writing 1 to this bit.
0x0
W
[4:3]
RESERVED
Reserved.
0x0
R
[2:0]
LANE_ADDR_NIT
Link Lane Address for Functions Described in
Bits[7:5].
0x0
W
0x46F
UNEXPECTED-
CONTROL_RB
[7:0]
UCC
Unexpected Control Character Error (UCC).
Bit x is set when Link Lane x’s UCC error
count reaches the threshold in Register 0x47C.
0x0
R
0x46F
UNEXPECTED-
CONTROL_W
7
RST_IRQ_UCC
IRQ Reset. Reset IRQ for lane selected via
Bits[2:0] by writing 1 to this bit.
0x0
W
6
DISABLE_ERR_
CNTR_UCC
Disable Error Counter. Disable the error
counter for lane selected via Bits[2:0] by
writing 1 to this bit.
0x0
W
5
RST_ERR_CNTR_
UCC
Reset Error Counter. Reset error counter for
lane selected via Bits[2:0] by writing 1 to this bit.
0x0
W
[4:3]
RESERVED
Reserved.
0x0
R
[2:0]
LANE_ADDR_UCC
Link Lane Address for Functions Described in
Bits[7:5].
0x0
W
0x470
CODEGRPSYNCFLG
[7:0]
CODEGRPSYNC
Code Group Sync Flag (from Each Instantiated
Lane). Writing 1 to Bit 7 resets the IRQ. The
associated IRQ flag is located in Register
0x47A[0]. A loss of CODEGRPSYNC triggers
sync request assertion. See the SYNCOUTx±,
SYSREF±, and CLK± Signals section and the
Deterministic Latency section.
0x0
R/W
0
Synchronization is lost
1
Synchronization is achieved
0x471
FRAMESYNCFLG
[7:0]
FRAMESYNC
Frame Sync Flag (from Each Instantiated
Lane). This register indicates the live status
for each lane. Writing 1 to Bit 7 resets the
IRQ. A loss of frame sync automatically
initiates a synchronization sequence.
0x0
R/W
0
Synchronization is lost
1
Synchronization is achieved
0x472
GOODCHKSUMFLG
[7:0]
GOODCHECKSUM
Good Checksum Flag (from Each Instantiated
Lane). Writing 1 to Bit 7 resets the IRQ.
The associated IRQ flag is located in
Register 0x47A[2].
0x0
R/W
0
Last computed checksum is not correct
1
Last computed checksum is correct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com