Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 108 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 104Page - Analog Devices AD9136-EBZ Datasheet HTML 105Page - Analog Devices AD9136-EBZ Datasheet HTML 106Page - Analog Devices AD9136-EBZ Datasheet HTML 107Page - Analog Devices AD9136-EBZ Datasheet HTML 108Page - Analog Devices AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices AD9136-EBZ Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 108 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x403
SCR_L_REG
7
SCR_RD
Transmit Scrambling Status.
Link information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
0
Scrambling is disabled
1
Scrambling is enabled
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
L-1_RD
Number of Lanes per Converter Device. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
0
One lane per converter
1
Two lanes per converter
3
Four lanes per converter
7
Eight lanes per converter (single link only)
0x404
F_REG
[7:0]
F-1_RD
Number of Octets per Frame. Settings of 1, 2
and 4 octets per frame are valid. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
0
(One octet per frame) per lane
1
(Two octets per frame) per lane
3
(Four octets per frame) per lane
0x405
K_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
K-1_RD
Number of Frames per Multiframe. Settings
of 16 or 32 are valid. Link information
received on Link Lane 0 as specified in
Section 8.3 of JESD204B.
0x0
R
0x0F
16 frames per multiframe
0x1F
32 frames per multiframe
0x406
M_REG
[7:0]
M-1_RD
Number of converters per device. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B. Must be
0 or 1.
0x0
R
0
One converter per device
1
Two converters per device
0x407
CS_N_REG
[7:6]
CS_RD
Number of Control Bits per Sample. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B. CS must
be 0.
0x0
R
5
RESERVED
Reserved.
0x0
R
[4:0]
N-1_RD
Converter Resolution. Link information
received on Link Lane 0 as specified in
Section 8.3 of JESD204B. Converter
resolution must be 16.
0x0
R
0x0F
Converter resolution of 16
0x408
NP_REG
[7:5]
SUBCLASSV_RD
Device Subclass Version. Link information
received on Link Lane 0 as specified in
Section 8.3 of JESD204B.
0x0
R
[4:0]
NP-1_RD
Total Number of Bits per Sample. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B. Must be
16 bits per sample.
0x0
R
0x0F
16 bits per sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com