Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 107 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 107 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 103Page - Analog Devices AD9136-EBZ Datasheet HTML 104Page - Analog Devices AD9136-EBZ Datasheet HTML 105Page - Analog Devices AD9136-EBZ Datasheet HTML 106Page - Analog Devices AD9136-EBZ Datasheet HTML 107Page - Analog Devices AD9136-EBZ Datasheet HTML 108Page - Analog Devices AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 107 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x32C
SHORT_TPL_TEST_0
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
SHORT_TPL_SP_
SEL
Short Transport Layer Sample Select. Selects
which sample to check from the DAC
selected via Bits[3:2].
0x0
R/W
x
Sample x
[3:2]
SHORT_TPL_DAC_
SEL
Short Transport Layer Test DAC Select.
Selects which DAC to sample.
0x0
R/W
0
Sample from DAC0
2
Sample from DAC1
1
SHORT_TPL_TEST_
RESET
Short Transport Layer Test Reset. Resets the
result of short transport layer test.
0x0
R/W
0
Not reset
1
Reset
0
SHORT_TPL_TEST_
EN
Short Transport Layer Test Enable. See the
Subclass 0 section for details on how to
perform this test.
0x0
R/W
0
Disable
1
Enable
0x32D
SHORT_TPL_TEST_1
[7:0]
SHORT_TPL_REF_
SP_LSB
Short Transport Layer Test Reference, Sample
LSB. This is the lower eight bits of the
expected DAC sample. It is used to compare
with the received DAC sample at the output
of the JESD204B receiver.
0x0
R/W
0x32E
SHORT_TPL_TEST_2
[7:0]
SHORT_TPL_REF_
SP_MSB
Short Transport Layer Test Reference, Sample
MSB. This is the upper eight bits of the
expected DAC sample. It is used to compare
with the received DAC sample at the output
of the JESD204B receiver.
0x0
R/W
0x32F
SHORT_TPL_TEST_3
[7:1]
RESERVED
Reserved.
0x0
R
0
SHORT_TPL_FAIL
Short Transport Layer Test Fail. This bit shows
whether the selected DAC sample matches
the reference sample. If they match, it is a
test pass, otherwise it is a test fail.
0x0
R
0
Test pass
1
Test fail
0x333
DEVICE_CONFIG_
REG_13
[7:0]
DEVICE_CONFIG_
13
Must be set to 0x01 for proper JESD interface
configuration.
00
R/W
0x334
JESD_BIT_INVERSE_
CTRL
[7:0]
JESD_BIT_INVERSE
Logical Lane Invert. Set Bit x high to invert
the JESD deserialized data on Logical Lane x.
0x0
R/W
0x400
DID_REG
[7:0]
DID_RD
Device Identification Number. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
0x401
BID_REG
[7:4]
ADJCNT_RD
Adjustment Resolution to DAC LMFC. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
Must be 0.
0x0
R
[3:0]
BID_RD
Bank Identification: Extension to DID. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R
0x402
LID0_REG
7
RESERVED
Reserved.
0x0
R
6
ADJDIR_RD
Direction to Adjust DAC LMFC. Link information
received on Link Lane 0 as specified in
Section 8.3 of JESD204B. Must be 0.
0x0
R
5
PHADJ_RD
Phase Adjustment Request to DAC Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B. Must be 0.
0x0
R
[4:0]
LID0_RD
Lane Identification for Lane 0. Link
information received on Link Lane 0 as
specified in Section 8.3 of JESD204B.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com