Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 100Page - Analog Devices AD9136-EBZ Datasheet HTML 101Page - Analog Devices AD9136-EBZ Datasheet HTML 102Page - Analog Devices AD9136-EBZ Datasheet HTML 103Page - Analog Devices AD9136-EBZ Datasheet HTML 104Page - Analog Devices AD9136-EBZ Datasheet HTML 105Page - Analog Devices AD9136-EBZ Datasheet HTML 106Page - Analog Devices AD9136-EBZ Datasheet HTML 107Page - Analog Devices AD9136-EBZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 104 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x2AE
TERM_BLK2_
CTRLREG0
[7:1]
RESERVED
Reserved.
0x0
R
0
RCAL_TERMBLK2
Terminal Calibration. The rising edge of this
bit calibrates PHY2, PHY3, PHY4 and PHY5
terminations to 50
Ω.
0x0
R/W
0x2B1
DEVICE_CONFIG_
REG_11
[7:0]
DEVICE_CONFIG_
11
Must be set to 0xB7 for proper JESD interface
termination configuration.
0xC3
R/W
0x2B2
DEVICE_CONFIG_
REG_12
[7:0]
DEVICE_CONFIG_
12
Must be set to 0x87 for proper JESD interface
termination configuration.
0x93
R/W
0x300
GENERAL_JRX_
CTRL_0
7
RESERVED
Reserved.
0x0
R
6
CHECKSUM_MODE
Checksum Mode. This bit controls the locally
generated JESD204B link parameter checksum
method. The value is stored in the FCMP
registers (Register 0x40E, Register 0x416,
Register 0x41E, Register 0x426, Register
0x42E, Register 0x436, Register 0x43E, and
Register 0x446).
0x0
R/W
0
Checksum is calculated by summing the
individual fields in the link configuration
table as defined in Section 8.3, Table 20 of
the JESD204B standard
1
Checksum is calculated by summing the regis-
ters containing the packed link configuration
fields (Σ[0x400:0x40A] modulo 256).
[5:4]
RESERVED
Reserved.
0x0
R
3
LINK_MODE
Link Mode. This register selects either single-
link or dual-link mode.
0x0
R/W
0
Single-link mode
1
Dual-link mode
2
LINK_PAGE
Link Paging. Selects which link’s register map
is used. This paging affects Registers 0x401
to 0x47E.
0x0
R/W
0
Use Link 0 register map
1
Use Link 1 register map
[1:0]
LINK_EN
Link Enable. These bits bring up the JESD204B
receiver digital circuitry: Bit 0 for Link 0 and
Bit 1 for Link 1. Enable the link only after the
following has occurred: all JESD204B para-
meters are set, the DAC PLL is enabled and
locked (Register 0x084[1] = 1), and the
JESD204B PHY is enabled (Register 0x200 =
0x00) and calibrated (Register 0x281[2] = 0).
0x0
R/W
0b00
Disable both JESD Link 1 and JESD Link 0
0b01
Disable JESD Link 1, enable JESD Link 0
0b10
Enable JESD Link 1, disable JESD Link 0
0b11
Enable both JESD Link 1 and JESD Link 0
0x301
GENERAL_JRX_CTRL_1
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
SUBCLASSV_
LOCAL
JESD204B Subclass.
0x1
R/W
000
Subclass 0
001
Subclass 1
0x302
DYN_LINK_LATENCY_0
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
DYN_LINK_
LATENCY_0
Dynamic Link Latency: Link 0. Latency
between the LMFCRx for Link 0 and the last
arriving LMFC boundary in units of PCLK
cycles. See the Deterministic Latency section.
0x0
R
0x303
DYN_LINK_LATENCY_1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
DYN_LINK_
LATENCY_1
Dynamic Link Latency: Link 1. Latency
between the LMFCRx for Link 1 and the last
arriving LMFC boundary in units of PCLK
cycles. See the Deterministic Latency section.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com