Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 111 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 107Page - Analog Devices AD9136-EBZ Datasheet HTML 108Page - Analog Devices AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices AD9136-EBZ Datasheet HTML 112Page - Analog Devices AD9136-EBZ Datasheet HTML 113Page - Analog Devices AD9136-EBZ Datasheet HTML 114Page - Analog Devices AD9136-EBZ Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 111 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x456
ILS_M
[7:0]
M-1
Number of Converters per Device. See Table 34
and Table 35.
0x1
R/W
0
One converter per link
1
Two converters per link
0x457
ILS_CS_N
[7:6]
CS
Number of Control Bits per Sample. Must be
set to 0. Control bits are not supported.
0x0
R/W
0
Zero control bits per sample
5
RESERVED
Reserved.
0x0
R
[4:0]
N-1
Converter Resolution. Must be set to 16 bits
of resolution.
0xF
R/W
0x0F
Converter resolution of 16.
0x458
ILS_NP
[7:5]
SUBCLASSV
Device Subclass Version.
0x1
R/W
0
Subclass 0
1
Subclass 1
[4:0]
NP-1
Total Number of Bits per Sample. Must be set
to 16 bits per sample.
0xF
R/W
0xF
16 bits per sample.
0x459
ILS_S
[7:5]
JESDV
JESD204 Version.
0x1
R/W
000
JESD204A
001
JESD204B
[4:0]
S-1
Number of Samples per Converter per Frame
Cycle. Settings of one and two are valid.
0x0
R/W
0
One sample per converter per frame
1
Two samples per converter per frame
0x45A
ILS_HD_CF
7
HD
High Density Format. If F = 1, HD must be set
to 1. Otherwise, HD must be set to 0. See
Section 5.1.3 of JESD204B standard.
0x1
R/W
0
Low density mode
1
High density mode
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
CF
Number of Control Words per Frame Clock
Period per Link. Must be set to 0. Control bits
are not supported.
0x0
R/W
0x45B
ILS_RES1
[7:0]
RES1
Reserved Field 1.
0x0
R/W
0x45C
ILS_RES2
[7:0]
RES2
Reserved Field 2.
0x0
R/W
0x45D
ILS_CHECKSUM
[7:0]
FCHK0
Checksum for Link Lane 0. Calculated
checksum. Calculation depends on 0x300[6].
0x45
R/W
0x46B
ERRCNTRMON_RB
[7:0]
READERRORCNTR
Read JESD204B Error Counter. After selecting
the lane and error counter by writing to
LANESEL and CNTRSEL (both in this same
register), the selected error counter is read
back here.
0x0
R
0x46B
ERRCNTRMON
7
RESERVED
Reserved.
0x0
R
[6:4]
LANESEL
Link Lane select for JESD204B error counter.
Selects the lane whose errors are read back
in this register.
0x0
W
x
Selects Link Lane x
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
CNTRSEL
JESD204B Error Counter Select. Selects the
type of error that are read back in this register.
0x0
W
00
BADDISCNTR: bad running disparity counter
01
NITCNTR: not in table error counter
10
UCCCNTR: Unexpected control character counter
0x46C
LANEDESKEW
[7:0]
LANEDESKEW
Lane Deskew. Setting Bit x deskews Link Lane x
0xF
R/W
0x46D
BADDISPARITY_RB
[7:0]
BADDIS
Bad Disparity Character Error (BADDIS). Bit x
is set when the bad disparity error count for
Link Lane x reaches the threshold in
Register 0x47C.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com