Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 113 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 113 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices AD9136-EBZ Datasheet HTML 112Page - Analog Devices AD9136-EBZ Datasheet HTML 113Page - Analog Devices AD9136-EBZ Datasheet HTML 114Page - Analog Devices AD9136-EBZ Datasheet HTML 115Page - Analog Devices AD9136-EBZ Datasheet HTML 116Page - Analog Devices AD9136-EBZ Datasheet HTML 117Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 113 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x473
INITLANESYNCFLG
[7:0]
INITIALLANESYNC
Initial Lane Sync Flag (from Each Instantiated
Lane). Writing 1 to Bit 7 resets the IRQ. The
associated IRQ flag is located in Register
0x47A[3]. Loss of synchronization is also
reported on SYNCOUT1± or SYNCOUT0±. See
the SYNCOUTx±, SYSREF±, and CLK± Signals
section and the Deterministic Latency section.
0x0
R/W
0x476
CTRLREG1
[7:0]
F
Number of Octets per Frame. Settings of 1, 2,
and 4 are valid. See Table 34 and Table 35.
0x1
R/W
1
One octet per frame
2
Two octets per frame
4
Four octets per frame
0x477
CTRLREG2
7
ILAS_MODE
ILAS Test Mode. Defined in Section 5.3.3.8 of
JESD204B specification.
0x0
R/W
1
JESD204B receiver is constantly receiving
ILAS frames
0
Normal link operation
[6:4]
RESERVED
Reserved.
0x0
R
3
THRESHOLD_
MASK_EN
Threshold Mask Enable. Set this bit if using
SYNC_ASSERTION_MASK (Register 0x47B[7:5]).
0x0
R/W
[2:0]
RESERVED
Reserved.
0x0
R
0x478
KVAL
[7:0]
KSYNC
Number of K Multiframes During ILAS
(Divided by Four). Sets the number of
multiframes to send initial lane alignment
sequence. Cannot be set to 0.
0x1
R/W
x
4× multiframes during ILAS
0x47A
IRQVECTOR_MASK
7
BADDIS_MASK
Bad Disparity Mask.
0x0
W
1
If the bad disparity count reaches
ERRORTHRESH on any lane, IRQ is pulled low.
6
NIT_MASK
Not in table Mask.
0x0
W
1
If the not in table character count reaches
ERRORTHRESH on any lane, IRQ is pulled low.
5
UCC_MASK
Unexpected Control Character Mask.
0x0
W
1
If the unexpected control character count
reaches ERRORTHRESH on any lane, IRQ is
pulled low.
4
RESERVED
Reserved.
0x0
R
3
INITIALLANESYNC_
MASK
Initial Lane Sync Mask.
0x0
W
1
If initial lane sync (0x473) fails on any
lane, IRQ is pulled low.
2
BADCHECKSUM_
MASK
Bad Checksum Mask.
0x0
W
1
If there is a bad checksum (0x472) on any
lane, IRQ is pulled low.
1
FRAMESYNC_
MASK
Frame Sync Mask
0x0
W
1
If frame sync (0x471) fails on any lane, IRQ is
pulled low.
0
CODEGRPSYNC_
MASK
Code Group Sync Machine Mask.
0x0
W
1
If code group sync (0x470) fails on any
lane, IRQ is pulled low.
0x47A
IRQVECTOR_FLAG
7
BADDIS_FLAG
Bad Disparity Error Count.
0x0
R
1
Bad disparity character count reached
ERRORTHRESH (0x47C) on at least one lane.
Read Register 0x46D to determine which
lanes are in error.
6
NIT_FLAG
Not in table Error Count
0x0
R
1
Not in table character count reached
ERRORTHRESH (0x47C) on at least one lane.
Read Register 0x46E to determine which
lanes are in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com