Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 116 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 116 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 109Page - Analog Devices AD9136-EBZ Datasheet HTML 110Page - Analog Devices AD9136-EBZ Datasheet HTML 111Page - Analog Devices AD9136-EBZ Datasheet HTML 112Page - Analog Devices AD9136-EBZ Datasheet HTML 113Page - Analog Devices AD9136-EBZ Datasheet HTML 114Page - Analog Devices AD9136-EBZ Datasheet HTML 115Page - Analog Devices AD9136-EBZ Datasheet HTML 116Page - Analog Devices AD9136-EBZ Datasheet HTML 117Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 116 of 117
OUTLINE DIMENSIONS
Figure 91. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-6)
Dimensions shown in millimeters
Figure 92. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ] (Variable Lead Length)
12 mm × 12 mm Body, Very Thin Quad
(CP-88-9)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VRRD
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.28
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
7.55
7.40 SQ
7.25
0.50
BSC
0.20 REF
12° MAX
SEATING
PLANE
PIN 1
INDICATOR
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
TOP VIEW
0.90
0.85
0.80
EXPOSED PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
COMPLIANT TO JEDEC STANDARDS MO-220
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.80
0.70
0.60
1.00
0.90
0.80
0.65
0.55
0.45
0.30
0.25
0.20
10.50
REF
0.60 MAX
0.60
MAX
7.55
7.40 SQ
5.25
0.50
BSC
0.190~0.245 REF
12° MAX
SEATING
PLANE
PIN 1
INDICATOR
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
TOP VIEW
0.90
0.85
0.80
EXPOSED
PAD
BOTTOM VIEW
COPLANARITY
0.08
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com