Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 120Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 121Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 122Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 123Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 124Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 125Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 126Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 127Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 129 page
background image
SS1102C I/O PAD Information
PRELIMINARY V1.8
119
TABLE 81.
I/O-Type 2 Specification
23.3.
I/O Type 4: Input with static Pullup
Description: I/O-Type 4 is Input with static Pullup equivalent 70 KOhm.
TABLE 82.
I/O-Type 4 Specification
Output Current Sink
IOL
@ VOL=Vss +
0.4V
2.96
mA
Output Current Sink
IOH
@ VOH=Vcc -
0.4V
3.1
mA
ITEMS
Symbol
Min
Typ
Max
Unit
Supply Voltage
Vcc
3 - 10%
3
3 + 10%
V
Ground
Vss
0
V
Temperature
T
-20
25
+85
degree C
PAD-to-PADIN
tiPLH
2
nS
tiPHL
2
nS
Transistor-pullup
Rpu
50
70
100
KOhm
Leakage Current
Ileakage
1
micro A
Output Current Sink
IOL
@ VOL=Vss +
0.4V
2.96
mA
ITEMS
Symbol
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com