Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 125 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 125 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 121Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 122Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 123Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 124Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 125Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 126Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 127Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 128Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 129Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 125 / 129 page
background image
PAD ASSIGNMENT TABLES
120
PRELIMINARY V1.8
23.4.
Oscillator-Pads with Enable-signal
TABLE 83.
Oscillator Pads Specification
24. PAD ASSIGNMENT TABLES
ITEMS
Symbol
Min
Typ
Max
Unit
Supply Voltage
Vcc
3 - 10%
3
3 + 10%
V
Ground
Vss
0
V
Temperature
T
-20
25
+85
degree C
Frequency (cell 1)
f
1
10
25
MHz
Frequency (cell 2)
f
1
32.768
60
KHz
Peak-to-Peak
Voltage
Vpp
5
V
Duty cycle of Xfout
50 -1%
50%
50 +1%
Port
Pin Name
I/O Type
Function
P0.7- P0.0
P0.7- P0.0
io2
I/O
P2.7- P2.0
P2.7- P2.0
io2
I/O
P1.3- P1.0
P1.3- P1.0
io2
I/O
P4.7
I/O
io3
Latched bi-directional I/O
P4.6
I/O
io3
Latched bi-directional I/O
P4.5
I/O
io3
Latched bi-directional I/O
P4.4
I/O
io3
Latched bi-directional I/O
P4.3
I/O
io3
Latched bi-directional I/O
P4.2
LOCK
io3
Lock Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com