Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 126 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 121Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 122Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 123Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 124Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 125Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 126Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 127Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 128Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 129Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 126 / 129 page
background image
PAD ASSIGNMENT TABLES
PRELIMINARY V1.8
121
TABLE 84.
Standard 52 Pin Device Chip
P4.0
RFPWR
io3
RF power switch output/ I/O
P4.1
PLLSW
io3
Phase-lock loop switch output/ I/O
P3.3
TXEN
io3
Transmitter enable output/ I/O
P3.2
CPTRD1
io3
Capture Timer 1/Down Counter
P3.1
CPTRU1
io3
Capture Timer 1
P3.0
CPTRU2
io3
Capture Timer 2
P1.5
SPIO
io3
Serial Out
P1.6
SPIIN
io3
Serial In
P1.7
SPICLK
io3
Serial Clock
P3.6
IRQ1
io3
External Interrupt1
P3.7
IRQ2
io3
External Interrupt2
NRESET
NRESET
Reset
P1.4
LBD
io3
Low battery detect
P3.4
Modout
io3
Modulated output (TXEN tri-states)
P3.5
DI
io3
Digital (DI) / Analog (DI1) Data Input
DIREF
DIREF
io3
Analog Data Input Comparator External reference voltage
XFIN
XFIN
High frequency crystal input
XFOUT
XFOUT
High frequency crystal output
BXFOUT
BXFOUT
Buffered High Frequency Output
XSIN
XSIN
Slow frequency crystal input
XSOUT
XSOUT
Slow frequency crystal output
Vdd
Vdd
Digital Supply Voltage
Vss
Vss
Digital Ground
XVdd
Vdd
Digital Supply Voltage
XVss
Vss
Digital Ground
AVdd
AVdd
Analog Supply Voltage
Avss
AVss
Analog Ground
TST
TST
Test pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com