Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 98Page - NXP Semiconductors FS5502 Datasheet HTML 99Page - NXP Semiconductors FS5502 Datasheet HTML 100Page - NXP Semiconductors FS5502 Datasheet HTML 101Page - NXP Semiconductors FS5502 Datasheet HTML 102Page - NXP Semiconductors FS5502 Datasheet HTML 103Page - NXP Semiconductors FS5502 Datasheet HTML 104Page - NXP Semiconductors FS5502 Datasheet HTML 105Page - NXP Semiconductors FS5502 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Figure 44. Solder paste stencil
30.2 Component selection
• SMPS input and output capacitors shall be chosen with low ESR (ceramic or MLCC
type of capacitors). X7R ceramic type is preferred. Input decoupling capacitors shall be
placed as close as possible to the device pin. Output capacitor voltage rating shall be
selected to be 3x the voltage output value to minimize the DC bias degradation.
• SMPS inductors shall be shielded with ISAT higher than maximum inductor peak
current.
30.3 VPRE
• Inductor charging and discharging current loop is designed as small as possible.
• Input decoupling capacitors are placed close to the high-side drain transistor pin.
• The boot strap capacitor is placed close to the device pin using wide and short track to
connect to the external low-side drain transistor.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
102 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com