Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 100Page - NXP Semiconductors FS5502 Datasheet HTML 101Page - NXP Semiconductors FS5502 Datasheet HTML 102Page - NXP Semiconductors FS5502 Datasheet HTML 103Page - NXP Semiconductors FS5502 Datasheet HTML 104Page - NXP Semiconductors FS5502 Datasheet HTML 105Page - NXP Semiconductors FS5502 Datasheet HTML 106Page - NXP Semiconductors FS5502 Datasheet HTML 107Page - NXP Semiconductors FS5502 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
30.4 VBUCKx
• Inductor charging and discharging current loop is designed as small as possible.
aaa-031038
BUCKx_IN
BUCKx_SW
EP
switched path
direct path
Vpre (in)
BUCKx (out)
Cin: 4.7 µF cap located
near to BUCKx_IN
BUCKx_FB
• Input decoupling capacitors is placed close to BUCKx_IN pins.
• BUCK3_FB and BUCK3_INQ pins shall be tied to the same capacitor, VPRE output
capacitor depending on BUCK3_IN supply selected (in the blue path below, the coil is
parasitic from tracks). In the package, the coil is parasitic from the bonding.
aaa-033210
BUCK1
VPRE_FB
Vsup1/2
VPRE
BUCK1_IN
BUCK1_SW
EP
clamp
HS
LS
BUCK3
BUCK3_INQ
VPRE
BUCK3
BUCK3_IN
BUCK3_SW
EP
clamp
HS
LS
31 EMC compliance
The FS5502 EMC performance will be verified against BISS generic IC EMC test
specification version 2.0 from 07.2012 and FMC1278 electromagnetic compatibility
specification for electrical/electronic components and subsystems from 2016 with the
following specific conditions:
• Conducted emission: IEC 61967-4
– Global pins: VBAT (Vsup1 and Vsup2), WAKE1/2, 150 Ω method, 12-M level
– Local pins: VPRE, BUCK1/3, LDO1, 150 Ω method, 10-K level
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
104 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com