Electronic Components Datasheet Search
  English  ▼

X  

FS5502 Datasheet(PDF) 106 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 102Page - NXP Semiconductors FS5502 Datasheet HTML 103Page - NXP Semiconductors FS5502 Datasheet HTML 104Page - NXP Semiconductors FS5502 Datasheet HTML 105Page - NXP Semiconductors FS5502 Datasheet HTML 106Page - NXP Semiconductors FS5502 Datasheet HTML 107Page - NXP Semiconductors FS5502 Datasheet HTML 108Page - NXP Semiconductors FS5502 Datasheet HTML 109Page - NXP Semiconductors FS5502 Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
33 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
FS5502 v.4.0
20211027
Product data sheet
CIN 202110030I
FS5502 v.3.0
Modifications
• Table 1: added MC33FS5502Y0KS and MC33FS5502Y3KS parts and OTP links
• Table 48: updated bit position of FS_DIG_REF_OV and FS_OSC_DRIFT bits
• Table 60: updated description for OTP_CFG_UVOV_3 register
• Table 64: updated VBUCK1_SOFT_START description
• Table 65: updated description for TBUCK3_SOFT_START (1.8 V replaced by 1.1 V)
• Section 16.5: updated Figure 21
• Table 79: updated table to include step-cut and wettable flank values
• Section 29: added drawings of dimple wettable flank type package for MC33FS5502xxKS
• Section 30: updated Dimple wettable flank type package information
FS5502 v.3.0
2020127
Product data sheet
201912015I
FS5502 v.2.1
Modifications
• Global: multiple formatting and wording updates, deleted "SPI" references
• Global: changed data sheet status from Preliminary to Product
• Section 5: replaced PC part by MC and added MC33FS5502Y3ES
• Table 2: updated ground pin description
• Table 78: added values for BUCKx_SW and updated min value for DC voltage (replaced −1.0 by −0.3)
• Section 12.1: updated values in Table 57
• Table 79: updated TA and TJ description (added "Grade1")
• Figure 7: corrected typo (replaced WAKE1 by WAKE1/2)
• Table 4: updated TDBG values and unit
• Table 21: updated reset value for Bit 22 and Bit 23 (replaced 0 by 1)
• Table 49: updated reset value for Bit 17 and Bit 22 (replaced 0 by 1)
• Table 57: corrected typo (replaced "OTP_CFG_BUCK2_1" by "OTP_CFG_BUCK1_3 and "OTP_CFG_BUCK2_2" by
"OTP_CFG_BUCK1_4"
• Table 59: updated OTP_CFG_BUCK1_2 register description (replaced 2.6 A by Reserved)
• Table 59: updated OTP_CFG_CLOCK_4 register description
• Section 14.1: updated description (first paragraph)
• Section 14.3: updated calculation method
• Section 18.5: updated description
• Section 14.5: updated description and values in Table 63
• Section 23: updated assumptions and description (replaced "VFPRE_SW" by "FPRE_SW")
• Table 91: updated min and max values for RSTBILIM (replaced 6.0 by 4.0 and 22 by 20)
• Section 8.4: updated description and corrected typo in Figure 5
• Section 8.5: updated TDBG description
• Section 20.3: enhanced description (added Figure 28 and Table 76)
• Section 22.2: updated description for charged device model
• Section 30.3, Section 30.4: updated description
• Table 59: updated OTP description
• Table 60: updated OTP_CFG_UVOV_3 register description
• Table 61, Table 62, Table 64, Table 65: updated parameters
• Section 14.6: updated Figure 13
• Table 13: updated reset value for Bit 12 and Bit 11 (replaced OTP by 1)
• Section 10.16: updated read and rest values and register bit description
• Table 90: updated min and max values for PGOODILIM
• Section 9: corrected typo (deleted R/W SPI column)
FS5502 v.2.1
20190521
Preliminary data sheet
—
FS5502 v.2
Table 93. Revision history
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
106 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com