Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 34Page - Renesas Technology Corp 4559 Datasheet HTML 35Page - Renesas Technology Corp 4559 Datasheet HTML 36Page - Renesas Technology Corp 4559 Datasheet HTML 37Page - Renesas Technology Corp 4559 Datasheet HTML 38Page - Renesas Technology Corp 4559 Datasheet HTML 39Page - Renesas Technology Corp 4559 Datasheet HTML 40Page - Renesas Technology Corp 4559 Datasheet HTML 41Page - Renesas Technology Corp 4559 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 38 of 146
REJ03B0188-0104
4559 Group
Fig 37. Timer 2 operation example
Timer 2 count source
Timer 2 start
Timer 2 count value
(Reload register)
Timer 2 underflow signal
PWM signal
0216 0116 0016 0316 0216 0116 0016 0316 0216 0116 0016 0316 0216 0116 0016 0316 0216 0116 0016
0316
(R2L)
(R2L)
(R2L)
(R2L)
(R2L)
PWM1 signal “L” fixed
- CNTR pin output invalid (W23=0)
Timer 2 count source
Timer 2 start
Timer 2 count value
(Reload register)
Timer 2 underflow signal
PWM signal
0216 0116 0016 0216 0116 0016 0316 0216 0116 0016 0216 0116 0016 0316 0216 0116 0016 0216 0116
0316
(R2L)
(R2H)
(R2L)
(R2H)
(R2L)
(R2H)
PWM period 7 clock
PWM period 7 clock
* : “0316” is set to reload register R3L and “0216” is set to reload register R3H.
4 clock
3 clock
4 clock
3 clock
4 clock
Timer 2 count source
Timer 2 start
Timer 2 count value
(Reload register)
Timer 2 underflow signal
PWM signal
0216 0116 0016
0216
0116 0016 0316 0216 0116 0016
0216
0116 0016 0316 0216 0116 0016 0216
0316
(R2L)
(R2H)
(R2L)
(R2H)
(R2L)
(R2H)
PWM period 7.5 clock
PWM period 7.5 clock
4 clock
3.5 clock
4 clock
3.5 clock
4 clock
Note: When the PWM signal “H” interval expansion function is valid,
set “1” or more to reload register R2H.
- CNTR pin output valid (W23=1), PWM signal “H” interval expansion function invalid (W22=0)
- CNTR pin output valid (W23=1), PWM signal “H” interval expansion function valid (W22=1) (Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com