Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 65Page - Renesas Technology Corp 4559 Datasheet HTML 66Page - Renesas Technology Corp 4559 Datasheet HTML 67Page - Renesas Technology Corp 4559 Datasheet HTML 68Page - Renesas Technology Corp 4559 Datasheet HTML 69Page - Renesas Technology Corp 4559 Datasheet HTML 70Page - Renesas Technology Corp 4559 Datasheet HTML 71Page - Renesas Technology Corp 4559 Datasheet HTML 72Page - Renesas Technology Corp 4559 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 69 of 146
REJ03B0188-0104
4559 Group
(10)D5/INT pin
(1) Bit 3 of register I1
When the input of the D5/INT pin is controlled with the bit 3
of register I1 in software, be careful about the following
notes.
• Depending on the input state of the D5/INT pin, the external 0
interrupt request flag (EXF0) may be set when the bit 3 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 68.) and then, change the bit 3 of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 68.).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
68.).
Fig 68. External 0 interrupt program example-1
(2) Bit 3 of register I1
When the bit 3 of register I1 is cleared to “0”, the power
down mode is selected and the input of INT pin is disabled,
be careful about the following notes.
• When the INT pin input is disabled (register I13 = “0”), set the
key-on wakeup of INT pin to be invalid (register K20 = “0”)
before system enters to the power down mode. (refer to (1) in
Figure 69.).
Fig 69. External 0 interrupt program example-2
(3) Bit 2 of register I1
When the interrupt valid waveform of the D5/INT pin is
changed with the bit 2 of register I1 in software, be careful
about the following notes.
• Depending on the input state of the D5/INT pin, the external 0
interrupt request flag (EXF0) may be set when the bit 2 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 70.) and then, change the bit 2 of register I1 is
changed.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 70.).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
70.).
Fig 70. External 0 interrupt program example-3
•
•
•
LA 4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ...... (1)
LA 8
; (1
×××2)
TI1A
; Control of INT pin input is changed
NOP
...................................................... (2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
...................................................... (3)
•
•
•
×: these bits are not used here.
•
•
•
LA 0
; (
×××02)
TK2A
; INT0 key-on wakeup disabled .....(1)
DI
EPOF
POF2
; RAM back-up
•
•
•
×: these bits are not used here.
•
•
•
LA 4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ......(1)
LA 12
; (
×1××2)
TI1A
; Interrupt valid waveform is changed
NOP
.......................................................(2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
.......................................................(3)
•
•
•
×: these bits are not used here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com