Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 61Page - Renesas Technology Corp 4559 Datasheet HTML 62Page - Renesas Technology Corp 4559 Datasheet HTML 63Page - Renesas Technology Corp 4559 Datasheet HTML 64Page - Renesas Technology Corp 4559 Datasheet HTML 65Page - Renesas Technology Corp 4559 Datasheet HTML 66Page - Renesas Technology Corp 4559 Datasheet HTML 67Page - Renesas Technology Corp 4559 Datasheet HTML 68Page - Renesas Technology Corp 4559 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 65 of 146
REJ03B0188-0104
4559 Group
QzROM Writing Mode
In the QzROM writing mode, the user ROM area can be
rewritten while the microcomputer is mounted on-board by using
a serial pro-grammer which is applicable for this microcomputer.
Table 29 lists the pin description (QzROM writing mode) and
Figure 66 shows the pin connections.
Refer to Figure 67 for examples of a connection with a serial pro-
grammer.
Contact the manufacturer of your serial programmer for serial
pro-grammer. Refer to the user ’s manual of your serial
programmer for details on how to use it.
Note 1. Note that the P20/SEG24 pin is pulled down internally by the MCU during the transition period (the period when VPP is
approximately 0.5 VDD to 1.3 VDD) when the programming power supply (VPP) is applied to the CNVSS pin. In addition, the
P20/SEG24 pin is high inpedance when VPP is approximately 1.3 VDD or grater.
Table 29 Pin description (QzROM writing mode)
Pin
Name
I/O
Function
VDD, VSS
Power source, GND
Apply 2.7 to 4.7V to VCC, and 0V to VSS.
RESET
Reset input
input
Reset input pin for active “L”. Reset occurs when RESET pin is hold
at an “L” level for 16 cycles or more of XIN.
XIN, XCIN
Clock input
input
Either connect an oscillator circuit or connect XIN and XCIN to VSS
and leave XOUT and XCOUT open.
XOUT, XCOUT
Clock output
output
D0
− D5
P00/SEG16
− P03/SEG19
P10/SEG20
− P13/SEG23
P20/SEG24 (Note 1)
− P23/SEG27
P30/SEG28
− P33/SEG31
I/O port
I/O
Input “H” or “L” level signal or leave the pin open.
CNVSS
VPP input
input
QzROM programmable power source pin.
D4
SDA input/output
I/O
Serial data I/O pin.
D3
SCLK input
input
Serial clock input pin.
D2
PGM input
input
Read/program pulse input pin.
VDCE
Voltage drop
detection circuit
enable
input
Input “H” or “L” level signal
SEG0/VLC3
− SEG2/VLC1
SEG3
− SEG15
COM0
− COM3
Segment output/
LCD power source/
Common output
output
Either connect to an LCD panel or leave open.
C/CNTR
Output port C/
Timer I/O
output
C/CNTR pin outputs “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com