Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 49Page - Renesas Technology Corp 4559 Datasheet HTML 50Page - Renesas Technology Corp 4559 Datasheet HTML 51Page - Renesas Technology Corp 4559 Datasheet HTML 52Page - Renesas Technology Corp 4559 Datasheet HTML 53Page - Renesas Technology Corp 4559 Datasheet HTML 54Page - Renesas Technology Corp 4559 Datasheet HTML 55Page - Renesas Technology Corp 4559 Datasheet HTML 56Page - Renesas Technology Corp 4559 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 53 of 146
REJ03B0188-0104
4559 Group
VOLTAGE DROP DETECTION CIRCUIT (WITH SKIP
JUDGMENT)
The built-in voltage drop detection circuit is used to set the
voltage drop detection circuit flag (VDF) or to perform system
reset.
Fig 53. Voltage drop detection reset circuit
(1) Operating state of voltage drop detection circuit
The voltage drop detection circuit becomes valid by inputting
“H” to the VDCE pin and it becomes invalid by inputting “L.”
When not executing the SVDE instruction under “H” level of the
VDCE pin, the voltage drop detection circuit become invalid in
power down state (RAM back-up, clock operating mode). As for
this, the voltage drop detection circuit becomes valid at returning
from power down, again.
When executing the SVDE instruction under “H” level of the
VDCE pin, the voltage drop detection circuit becomes valid in
power down state (RAM back-up, clock operating mode).
The state of executing SVDE instruction can be cleared by
system reset.
Note. “O” indicates valid, “×” indicates invalid.
(Note 1)
(Note 1)
VDCE
(Note 2)
VRST-/VRST+
−
+
Voltage drop
detection circuit
VSKIP
−
+
Flag occurrence
Reset occurrence
VDF
VDD
VDD
Voltage drop
detection circuit
reset signal
S
R
Q
S
R
Q
SVDE instruction
Internal reset signal
EPOF instruction + POF instruction
EPOF instruction + POF2 instruction
Key-on wakeup signal
Internal reset signal
Voltage drop
detection circuit flag
Skip judgement
(SNZVD
instruction)
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
Timer 3 underflow signal
Table 22 Operating state of voltage drop detection circuit
VDCE pin
SVDE instruction
at CPU operating
at power down
“L”
No execute
×
×
Execute
×
×
“H”
No execute
O
×
Execute
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com