Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 73Page - Renesas Technology Corp 4559 Datasheet HTML 74Page - Renesas Technology Corp 4559 Datasheet HTML 75Page - Renesas Technology Corp 4559 Datasheet HTML 76Page - Renesas Technology Corp 4559 Datasheet HTML 77Page - Renesas Technology Corp 4559 Datasheet HTML 78Page - Renesas Technology Corp 4559 Datasheet HTML 79Page - Renesas Technology Corp 4559 Datasheet HTML 80Page - Renesas Technology Corp 4559 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 77 of 146
REJ03B0188-0104
4559 Group
Note 1. “R” represents read enabled, and “W” represents write enabled.
Note 2. This function is valid only when the timer 1 count start synchronous circuit is selected (I10 =“1”).
Note 3. Port C output is invalid when CNTR input is selected for the timer 1 count source.
Timer control register PA
at reset : 02
at power down : 02
W
TAPP
PA0
Prescaler control bit
0
Stop (state retained)
1Operating
Timer control register W1
at reset : 00002
at power down : state retained
R/W
TAW1/TW1A
W13
Timer 1 count auto-stop circuit selection bit
(Note 2)
0
Timer 1 count auto-stop circuit not selected
1
Timer 1 count auto-stop circuit selected
W12 Timer 1 control bit
0
Stop (state retained)
1Operating
Timer 1 count source selection bits (Note 3)
W11 W10
Count source
W11
0
0
PWM signal (PWMOUT)
0
1
Prescaler output (ORCLK)
1
0
Timer 3 underflow signal (T3UDF)
W10
1
1
CNTR input
Timer control register W2
at reset : 00002
at power down : 00002
R/W
TAW2/TW2A
W23 CNTR pin function control bit
0
CNTR pin output invalid
1
CNTR pin output valid
W22
PWM signal
“H” interval expansion function control bit
0
PWM signal “H” interval expansion function invalid
1
PWM signal “H” interval expansion function valid
W21 Timer 2 control bit
0
Stop (state retained)
1
Operating
W20 Timer 2 count source selection bit
0XIN input
1
Prescaler output (ORCLK)/2
Timer control register W3
at reset : 00002
at power down : state retained
R/W
TAW3/TW3A
W33 Timer 3 count source selection bit
0XIN input
1
Prescaler output (ORCLK)
W32 Timer 3 control bit
0
Stop (initial state)
1Operating
Timer 3 count value selection bits
W31 W30
Count source
W31
0
0
Underflow every 8192 count
0
1
Underflow every 16384 count
1
0
Underflow every 32768 count
W30
1
1
Underflow every 65536 count
Timer control register W4
at reset : 00002
at power down : state retained
R/W
TAW4/TW4A
W43 Timer LC control bit
0
Stop (state retained)
1
Operating
W42 Timer LC count source selection bit
0Bit 4 (T34) of timer 3
1
System clock (STCK)
W41
CNTR pin output auto-control circuit
selection bit
0
CNTR output auto-control circuit not selected
1
CNTR output auto-control circuit selected
W40 CNTR pin input count edge selection bit
0
Falling edge
1
Rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com