Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 41Page - Renesas Technology Corp 4559 Datasheet HTML 42Page - Renesas Technology Corp 4559 Datasheet HTML 43Page - Renesas Technology Corp 4559 Datasheet HTML 44Page - Renesas Technology Corp 4559 Datasheet HTML 45Page - Renesas Technology Corp 4559 Datasheet HTML 46Page - Renesas Technology Corp 4559 Datasheet HTML 47Page - Renesas Technology Corp 4559 Datasheet HTML 48Page - Renesas Technology Corp 4559 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 45 of 146
REJ03B0188-0104
4559 Group
(4) LCD drive waveform
When “1” is written to a bit in the LCD RAM data, the voltage
difference between common pin and segment pin which
correspond to the bit automatically becomes lVLC3l and the
display pixel at the cross section turns on.
When returning from reset, and in the RAM back-up mode, a
display pixel turns off because every segment output pin and
common output pin becomes VLC3 level.
Fig 46. LCD controller/driver structure
1/2 Duty, 1/2 Bias: When writing (XX10)2 to address M (1, 2, 8) in RAM.
VLC3
VSS
VLC1=VLC2
VLC3
VSS
VLC1=VLC2
(2/F)
1 flame (3/F)
(4/F)
ON
OFF
Voltage level
VLC3
VLC2
VSS
VLC1
VLC3
VLC2
VSS
VLC1
Voltage level
VLC3
VLC2
VSS
VLC1
VLC3
VLC2
VSS
VLC1
Voltage level
COM0
COM0
COM0
COM1
COM1
COM2
COM2
COM3
COM1
COM1
COM2
COM3
COM2
COM1
COM0
COM1
COM0
COM0
COM1
SEG16
SEG16
SEG16
SEG16
SEG16
COM2
SEG16
COM3
SEG16
COM2
SEG16
COM1
SEG16
COM0
SEG16
COM1
SEG16
COM0
SEG16
COM0
SEG16
SEG16
SEG16
0
1
X
X
M (1, 2, 8)
(bit 0)
M (1, 2, 8)
(bit 0)
M (1, 2, 8)
(bit 0)
(bit 3)
(bit 3)
(bit 3)
ON
OFF
ON
1
0
1
X
ON
OFF
ON
OFF
0
1
0
1
F : LCD clock frequency
X: Set an arbitrary value.
(These bits are not related to
set the drive waveform at each duty.)
1/F
1/F
1/F
1/3 Duty, 1/3 Bias: When writing (X101)2 to address M (1, 2, 8) in RAM.
1/4 Duty, 1/3 Bias: When writing (1010)2 to address M (1, 2, 8) in RAM.
1 flame
1 flame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com