Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 57Page - Renesas Technology Corp 4559 Datasheet HTML 58Page - Renesas Technology Corp 4559 Datasheet HTML 59Page - Renesas Technology Corp 4559 Datasheet HTML 60Page - Renesas Technology Corp 4559 Datasheet HTML 61Page - Renesas Technology Corp 4559 Datasheet HTML 62Page - Renesas Technology Corp 4559 Datasheet HTML 63Page - Renesas Technology Corp 4559 Datasheet HTML 64Page - Renesas Technology Corp 4559 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 61 of 146
REJ03B0188-0104
4559 Group
CLOCK CONTROL
The clock control circuit consists of the following circuits.
• On-chip oscillator (internal oscillator)
• Ceramic resonator
• RC oscillation circuit
• Quartz-crystal oscillation circuit
• Multi-plexer (clock selection circuit)
• Frequency divider
• Internal clock generating circuit
The system clock and the instruction clock are generated as the
source clock for operation by these circuits.
Figure 59 shows the structure of the clock control circuit.
The 4559 Group operates by the on-chip oscillator clock
(f(RING)) which is the internal oscillator after system is released
from reset.
Also, the ceramic resonator or the RC oscillation can be used for
the main clock (f(XIN)) of the 4559 Group.
The quartz-crystal oscillator can be used for sub-clock (f(XCIN)).
Fig 59. Clock control circuit structure
MR3, MR2
00
01
10
11
Q S
R
Q
R
Timer 3 underflow signal
EPOF instruction +
XCOUT
XCIN
R
EPOF instruction +
10
MR1,MR0
11
System clock (STCK)
Instruction clock
(INSTCK)
Multi-
plexer
Quartz-crystal
oscillation
On-chip oscillator
(internal oscillator)
XOUT
XIN
Ceramic
resonance
RC oscillation
Internal clock
generating circuit
(divided by 3)
RG1
01
RG0
RG2
Divided by 2
Divided by 4
Divided by 8
Division circuit
S
QS
CRCK instruction
Internal reset signal
Key-on wakeup signal
POF instruction
POF2 instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com