| Electronic Components Datasheet Search |
|
4559 Datasheet(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Datasheet(HTML) 90 Page - Renesas Technology Corp |
|
90 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 90 of 146 REJ03B0188-0104 4559 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) CRCK (Clock select: Rc oscillation ClocK) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 1 001 10 11 2 29 B 16 11 - - Opera- tion: RC oscillation circuit selected Grouping: Clock control operation Description: Selects the RC oscillation circuit for main clock f(XIN). DEY (DEcrement register Y) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 001 01 11 2 01 7 16 1 1 - (Y) = 15 Opera- tion: (Y) ← (Y) −1 Grouping: RAM addresses Description: Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15, the next instruction is skipped. When the contents of register Y is not 15, the next instruction is executed. DI (Disable Interrupt) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 01 00 2 00 4 16 11 - - Opera- tion: (INTE) ← 0 Grouping: Interrupt control operation Description: Clears (0) to interrupt enable flag INTE, and disables the interrupt. Note: Interrupt is disabled by executing the DI instruction after executing 1 machine cycle. DWDT (Disable WatchDog Timer) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 1 001 11 00 2 29 C 16 11 - - Opera- tion: Stop of watchdog timer function enabled Grouping: Other operation Description: Stops the watchdog timer function by the WRST instruction after executing the DWDT instruction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |