Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 92Page - Renesas Technology Corp 4559 Datasheet HTML 93Page - Renesas Technology Corp 4559 Datasheet HTML 94Page - Renesas Technology Corp 4559 Datasheet HTML 95Page - Renesas Technology Corp 4559 Datasheet HTML 96Page - Renesas Technology Corp 4559 Datasheet HTML 97Page - Renesas Technology Corp 4559 Datasheet HTML 98Page - Renesas Technology Corp 4559 Datasheet HTML 99Page - Renesas Technology Corp 4559 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 96 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
RC
(Reset Carry flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
000
01
10 2 00 6 16
110
-
Opera-
tion:
(CY)
← 0
Grouping:
Arithmetic operation
Description: Clears (0) to carry flag CY.
RCP
(Reset Port C)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
11
00 2 28 C 16
11
-
-
Opera-
tion:
(C)
← 0
Grouping:
Input/Output operation
Description: Clears (0) to port C.
RD
(Reset port D specified by register Y)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
001
01
00 2 01 4 16
11
-
-
Opera-
tion:
(D(Y))
← 0
(Y) = 0 to 7
Grouping:
Input/Output operation
Description: Clears (0) to a bit of port D specified by register Y.
Note:
(Y) = 0 to 7.
Do not execute this instruction if values except above are
set to register Y.
RT
(ReTurn from subroutine)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
100
01
00 2 04 4 16
12
-
-
Opera-
tion:
(PC)
← (SK(SP))
(SP)
← (SP) −1
Grouping:
Return operation
Description: Returns from subroutine to the routine called the subrou-
tine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com