Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 39Page - Renesas Technology Corp 4559 Datasheet HTML 40Page - Renesas Technology Corp 4559 Datasheet HTML 41Page - Renesas Technology Corp 4559 Datasheet HTML 42Page - Renesas Technology Corp 4559 Datasheet HTML 43Page - Renesas Technology Corp 4559 Datasheet HTML 44Page - Renesas Technology Corp 4559 Datasheet HTML 45Page - Renesas Technology Corp 4559 Datasheet HTML 46Page - Renesas Technology Corp 4559 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 43 of 146
REJ03B0188-0104
4559 Group
LCD FUNCTION
The 4559 Group has an LCD (Liquid Crystal Display) controller/
driver. When data are set in LCD RAM and timer LC, LCD
control registers (L1, L2, L3, C1, C2, C3), and timer control
registers (W3, W4), the LCD controller/driver automatically
reads the display data and controls the LCD display by setting
duty and bias.
4 common signal output pins and 32 segment signal output pins
can be used to drive the LCD. By using these pins, up to 128
pixels (when internal power, 1/4 duty and 1/3 bias are selected)
can be controlled to display. When using the external input, set
necessary pins with the LCD control register 2 and apply the
proper voltage to the pins .
The LCD power input pins (VLC3–VLC1) are also used as pins
SEG0–SEG2. When SEG0 is selected, the internal power (VDD)
is used for the LCD power.
(1) Duty and bias
There are 3 combinations of duty and bias for displaying data on
the LCD. Use bits 0 and 1 of LCD control register (L1) to select
the proper display method for the LCD panel being used.
• 1/2 duty, 1/2 bias
• 1/3 duty, 1/3 bias
• 1/4 duty, 1/3 bias
Table 18 Table 11 Duty and maximum number of
displayed pixels
Note. Leave unused COM pins open.
Fig 43. LCD controller/driver
Duty
Maximum number of displayed
pixels
Used COM pins
1/2
64 pixels
COM0, COM1 (Note)
1/3
96 pixels
COM0–COM2 (Note)
1/4
128 pixels
COM0–COM3
Common
driver
Bias control
Segment
driver
Segment
driver
Segment
driver
Segment
driver
Segment
driver
Segment
driver
Selector
LCD RAM
Register A
Selector
Selector
Selector
Selector
Selector
L12
L20
L23
VDD
L23
L22
L21
L13
L13
L13
L11
L10
Decoder
LCD ON/OFF
control
1/2, 1/3, 1/4
counter
LCD clock
(from timer LC)
....
....
....
....
....
....
....
....
....
....
r
r
....
....
....
....
r
r
r
r
to
to
to
to
to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com