| Electronic Components Datasheet Search |
|
4559 Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Datasheet(HTML) 25 Page - Renesas Technology Corp |
|
25 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 25 of 146 REJ03B0188-0104 4559 Group (6) Interrupt control registers • Interrupt control register V1 Interrupt enable bits of external 0, timer 1 and timer 2 are assigned to register V1. Set the contents of this register through register A with the TV1A instruction. The TAV1 instruction can be used to transfer the contents of register V1 to register A. • Interrupt control register V2 The timer 3 interrupt enable bit are assigned to register V2. Set the contents of this register through register A with the TV2A instruction. The TAV2 instruction can be used to transfer the contents of register V2 to register A. Note 1.“R” represents read enabled, and “W” represents write enabled. (7) Interrupt sequence Interrupts occur only when the respective INTE flag, interrupt enable bits (V10, V12, V13, V30), and interrupt request flag are set to “1.” The interrupt occurs two or three cycles after the cycle where all the above three conditions are satisfied. The interrupt occurs after three machine cycles if instructions other than one-cycle instruction are executed when the conditions are satisfied (Refer to Figure 27). Table 13 Interrupt control registers Interrupt control register V1 at reset : 00002 at power down : 00002 R/W TAV1/TV1A V13 Timer 2 interrupt enable bit 0 Interrupt disabled (SNZT2 instruction is valid) 1 Interrupt enabled (SNZT2 instruction is invalid) V12 Timer 1 interrupt enable bit 0 Interrupt disabled (SNZT1 instruction is valid) 1 Interrupt enabled (SNZT1 instruction is invalid) V11 Not used 0 This bit has no function, but read/write is enabled. 1 V10 External 0 interrupt enable bit 0 Interrupt disabled (SNZ0 instruction is valid) 1 Interrupt enabled (SNZ0 instruction is invalid) Interrupt control register V2 at reset : 00002 at power down : 00002 R/W TAV2/TV2A V23 Not used 0 This bit has no function, but read/write is enabled. 1 V22 Not used 0 This bit has no function, but read/write is enabled. 1 V21 Not used 0 This bit has no function, but read/write is enabled. 1 V20 Timer 3 interrupt enable bit 0 Interrupt disabled (SNZT3 instruction is valid) 1 Interrupt enabled (SNZT3 instruction is invalid) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |