Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 66Page - Renesas Technology Corp 4559 Datasheet HTML 67Page - Renesas Technology Corp 4559 Datasheet HTML 68Page - Renesas Technology Corp 4559 Datasheet HTML 69Page - Renesas Technology Corp 4559 Datasheet HTML 70Page - Renesas Technology Corp 4559 Datasheet HTML 71Page - Renesas Technology Corp 4559 Datasheet HTML 72Page - Renesas Technology Corp 4559 Datasheet HTML 73Page - Renesas Technology Corp 4559 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 70 of 146
REJ03B0188-0104
4559 Group
(11)Prescaler
Stop prescaler counting and then execute the TABPS instruction
to read its data.
Stop prescaler counting and then execute the TPSAB instruction
to write data to prescaler.
(12)Timer count source
Stop timer 1, 2 or LC counting to change its count source.
(13)Reading the count value
Stop timer 1 or 2 counting and then execute the TAB1 or TAB2
instruction to read its data.
(14)Writing to the timer
Stop timer 1, 2 or LC counting and then execute the T1AB,
T2AB, T2R2L or TLCA instruction to write data to timer.
(15)Writing to reload register
In order to write a data to the reload register R1 while the timer 1
is operating, execute the TR1AB instruction except a timing of
the timer 1 underflow.
In order to write a data to the reload register R2H while the timer
2 is operating, execute the T3HAB instruction except a timing of
the timer 2 underflow.
(16)PWM signal
If the timer 2 count stop timing and the timer 2 underflow timing
overlap during output of the PWM signal, a hazard may occur in
the PWM output waveform.
When “H” interval expansion function of the PWM signal is
used, set “1” or more to reload register R2H.
Set the port C output latch to “0” to output the PWM signal from
C/CNTR pin.
(17)Timer 3
Stop timer 3 counting to change its count source.
When operating timer 3 during clock operating mode, set 1 cycle
or more of count source to the following period; from setting bit
2 of register W3 to “1” till executing the POF instruction.
(18)Prescaler, timer 1 count start timing and count time
when operation starts
Count starts from the first rising edge of the count source (2) in
Figure 71 after prescaler and timer operations start (1) in Figure
71.
Time to first underflow (3) in Figure 71 is shorter (for up to 1
period of the count source) than time among next underflow (4)
in Figure 71 by the timing to start the timer and count source
operations after count starts.
When selecting CNTR input as the count source of timer 1, timer
1 operates synchronizing with the count edge (falling edge or
rising edge) of CNTR input selected by software.
Fig 71. Timer count start timing and count time when
operation starts (1)
(19)Timer 2, LC count start timing and count time when
operation starts
Count starts from the first edge of the count source (2) in Figure
68 after timer 2 and LC operation start (1) in Figure 72.
Time to first underflow (3) in Figure 68 is different (for up to 1
period of the count source) from time among next underflow (4)
in Figure 72 by the timing to start the timer and count source
operations after count starts.
Fig 72. Timer count start timing and count time when
operation starts (2)
Count source
(3)
(4)
(1) Timer start
(2)
Count source
(When falling edge of
CNTR input is selected)
Timer 1 value
Timer 1 underflow signal
32
1
0
3
2
1
0
3
2
Count source
(3)
(4)
(1) Timer start
(2)
Timer value
Timer underflow signal
32
1
0
3
2
1
0
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com