Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 71Page - Renesas Technology Corp 4559 Datasheet HTML 72Page - Renesas Technology Corp 4559 Datasheet HTML 73Page - Renesas Technology Corp 4559 Datasheet HTML 74Page - Renesas Technology Corp 4559 Datasheet HTML 75Page - Renesas Technology Corp 4559 Datasheet HTML 76Page - Renesas Technology Corp 4559 Datasheet HTML 77Page - Renesas Technology Corp 4559 Datasheet HTML 78Page - Renesas Technology Corp 4559 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 75 of 146
REJ03B0188-0104
4559 Group
CONTROL REGISTERS
Note 1. “R” represents read enabled, and “W” represents write enabled.
Note 2. When the contents of I12 and I13 are changed, the external interrupt request flag (EXF0) may be set.
Interrupt control register V1
at reset : 00002
at power down : 00002
R/W
TAV1/TV1A
V13
Timer 2 interrupt enable bit
0
Interrupt disabled (SNZT2 instruction is valid)
1
Interrupt enabled (SNZT2 instruction is invalid)
V12
Timer 1 interrupt enable bit
0
Interrupt disabled (SNZT1 instruction is valid)
1
Interrupt enabled (SNZT1 instruction is invalid)
V11
Not used
0
This bit has no function, but read/write is enabled.
1
V10
External 0 interrupt enable bit
0
Interrupt disabled (SNZ0 instruction is valid)
1
Interrupt enabled (SNZ0 instruction is invalid)
Interrupt control register V2
at reset : 00002
at power down : 00002
R/W
TAV2/TV2A
V23
Not used
0
This bit has no function, but read/write is enabled.
1
V22
Not used
0
This bit has no function, but read/write is enabled.
1
V21
Not used
0
This bit has no function, but read/write is enabled.
1
V20
Timer 3 interrupt enable bit
0
Interrupt disabled (SNZT3 instruction is valid)
1
Interrupt enabled (SNZT3 instruction is invalid)
Interrupt control register I1
at reset : 00002
at power down : state retained
R/W
TAI1/TI1A
I13
INT pin input control bit (Note 2)
0
INT pin input disabled
1
INT pin input enabled
I12
Interrupt valid waveform for INT pin/
return level selection bit (Note 2)
0
Falling waveform (“L” level of INT pin is recognized with the SNZI0
instruction)/“L” level
1
Rising waveform (“H” level of INT pin is recognized with the SNZI0
instruction)/“H” level
I11
INT pin edge detection circuit control bit
0
One-sided edge detected
1
Both edges detected
I10
INT pin timer 1 count start synchronous
circuit selection bit
0
Timer 1 count start synchronous circuit not selected
1
Timer 1 count start synchronous circuit selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com