Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 40Page - Renesas Technology Corp 4559 Datasheet HTML 41Page - Renesas Technology Corp 4559 Datasheet HTML 42Page - Renesas Technology Corp 4559 Datasheet HTML 43Page - Renesas Technology Corp 4559 Datasheet HTML 44Page - Renesas Technology Corp 4559 Datasheet HTML 45Page - Renesas Technology Corp 4559 Datasheet HTML 46Page - Renesas Technology Corp 4559 Datasheet HTML 47Page - Renesas Technology Corp 4559 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 44 of 146
REJ03B0188-0104
4559 Group
(2) LCD clock control
The LCD clock is determined by the timer LC setting value and
timer LC count source.
After setting data to timer LC, timer LC starts counting by setting
count source with bit 2 of register W4 and setting bit 3 of register
W4 to “1.”
Accordingly, the frequency (F) of the LCD clock is obtained by
the following formula. Numbers ((1) to (3)) shown below the
formula correspond to numbers in Figure 44, respectively.
• When using the system clock (STCK) as timer LC count
source (W42=“1”)
F = STCK
×
×
(1)
(2)
(3)
[LC: 0 to 15]
• When using the bit 4 of timer 3 as timer LC count source
(W42=“0”)
F = T34
×
×
(1)
(2)
(3)
[LC: 0 to 15]
The frame frequency and frame period for each display method
can be obtained by the following formula:
Frame frequency =
(Hz)
Frame frequency =
(Hz)
F: LCD clock frequency
1/n: Duty
Fig 44. LCD clock control circuit structure
(3) LCD RAM
RAM contains areas corresponding to the liquid crystal display.
When “1” is written to this LCD RAM, the display pixel
corresponding to the bit is automatically displayed.
Fig 45. LCD RAM map
Timer LC (4)
Reload register RLC (4)
(TLCA)
Register A
1/2
LCD clock
(TLCA)
W42
0
1
W43
T34
STCK
(3)
(1)
(2)
Z
X
1
8
9
10
11
12
13
14
15
COM
Y
bit
0
SEG0
SEG1
0
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM0
SEG0
SEG1
1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM1
SEG0
SEG1
2
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM2
SEG0
SEG1
3
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM3
1
SEG8
SEG9
0
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
COM0
SEG8
SEG9
1
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
COM1
SEG8
SEG9
2
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
COM2
SEG8
SEG9
3
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
COM3
2
SEG16
SEG17
0
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
COM0
SEG16
SEG17
1
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
COM1
SEG16
SEG17
2
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
COM2
SEG16
SEG17
3
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
COM3
3
SEG24
SEG25
0
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
COM0
SEG24
SEG25
1
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
COM1
SEG24
SEG25
2
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
COM2
SEG24
SEG25
3
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
COM3
LC + 1
1
2
1
LC + 1
1
2
1
n
F
F
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com