Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 96Page - Renesas Technology Corp 4559 Datasheet HTML 97Page - Renesas Technology Corp 4559 Datasheet HTML 98Page - Renesas Technology Corp 4559 Datasheet HTML 99Page - Renesas Technology Corp 4559 Datasheet HTML 100Page - Renesas Technology Corp 4559 Datasheet HTML 101Page - Renesas Technology Corp 4559 Datasheet HTML 102Page - Renesas Technology Corp 4559 Datasheet HTML 103Page - Renesas Technology Corp 4559 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 100 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SNZT1
(Skip if Non Zero condition of Timer 1 interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
00
00 2 28 0 16
11
-
V12 = 0 : (T1F) = 1
Opera-
tion:
V12 = 0 : (T1F) = 1 ?
(T1F)
← 0
V12 = 1 : SNZT1 = NOP
(V12 = bit 2 of interrupt control register V1)
Grouping:
Timer operation
Description: When V12 = 0 : Clears (0) to the T1F flag and skips the
next instruction when timer 1 interrupt request flag T1F is
“1”. When the T1F flag is “0,” executes the next instruction.
When V12 = 1 : This instruction is equivalent to the NOP
instruction.
SNZT2
(Skip if Non Zero condition of Timer 2 interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
00
01 2 28 1 16
11
-
V13 = 0 : (T2F) = 1
Opera-
tion:
V13 = 0 : (T2F) = 1 ?
(T2F)
← 0
V13 = 1 : SNZT2 = NOP
(V13 = bit 3 of interrupt control register V1)
Grouping:
Timer operation
Description: When V13 = 0 : Clears (0) to the T2F flag and skips the
next instruction when timer 2 interrupt request flag T2F is
“1”. When the T2F flag is “0”, executes the next instruction.
When V13 = 1 : This instruction is equivalent to the NOP
instruction.
SNZT3
(Skip if Non Zero condition of Timer 3 interrupt request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
00
10 2 28 2 16
11
-
V20 = 0 : (T3F) = 1
Opera-
tion:
V20 = 0 : (T3F) = 1 ?
(T3F)
← 0
V20 = 1 : SNZT3 = NOP
Grouping:
Timer operation
Description: When V20 = 0 : Clears (0) to the T3F flag and skips the
next instruction when timer 3 interrupt request flag T3F is
“1”. When the T3F flag is “0”, executes the next instruction.
When V20 = 1 : This instruction is equivalent to the NOP
instruction.
SNZVD
(Skip if Non Zero condition of Voltage Detector flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
000
10
10 2 28 A 16
11
-
V23 = 0 : (VDF) = 1
Opera-
tion:
(VDF) = 1?
Grouping:
Other operation
Description: Skips the next instruction when voltage drop detection cir-
cuit flag VDF is “1”. Execute instruction when VDF is “0”.
After skipping, the contents of VDF remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com