Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 97Page - Renesas Technology Corp 4559 Datasheet HTML 98Page - Renesas Technology Corp 4559 Datasheet HTML 99Page - Renesas Technology Corp 4559 Datasheet HTML 100Page - Renesas Technology Corp 4559 Datasheet HTML 101Page - Renesas Technology Corp 4559 Datasheet HTML 102Page - Renesas Technology Corp 4559 Datasheet HTML 103Page - Renesas Technology Corp 4559 Datasheet HTML 104Page - Renesas Technology Corp 4559 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 101 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SRST
(System ReSet)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
000
00
01 2 00 1 16
11
-
-
Opera-
tion:
System reset
Grouping:
Other operation
Description: System reset occurs.
SUPT
(Set UPT flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
101
10
01 2 05 9 16
11
-
-
Opera-
tion:
(UPTF)
←1
Grouping:
Other operation
Description: Sets (1) to the high-order bit reference enable flag UPTF.
When the table reference instruction (TABP p) is executed,
the high-order 2 bits of ROM reference data is transferred
to the low-order 2 bits of register D.
SVDE
(Set Voltage Detector Enable flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
001
00
11 2 29 3 16
11
-
-
Opera-
tion:
Voltage drop detection circuit valid at powerdown
mode.
Grouping:
Other operation
Description: Voltage drop detection circuit is valid at powerdown mode
(clock operating mode, RAM back-up mode)
Note:
This instruction can be used only for H version.
SZB j
(Skip if Zero, Bit)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
00
j
j
2
02
j
16
11
-
(Mj(DP)) = 0
j = 0 to 3
Opera-
tion:
(Mj(DP)) = 0 ?
j = 0 to 3
Grouping:
Bit operation
Description: Skips the next instruction when the contents of bit j (bit
specified by the value j in the immediate field) of M(DP) is
“0”.
Executes the next instruction when the contents of bit j of
M(DP) is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com