Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 100Page - Renesas Technology Corp 4559 Datasheet HTML 101Page - Renesas Technology Corp 4559 Datasheet HTML 102Page - Renesas Technology Corp 4559 Datasheet HTML 103Page - Renesas Technology Corp 4559 Datasheet HTML 104Page - Renesas Technology Corp 4559 Datasheet HTML 105Page - Renesas Technology Corp 4559 Datasheet HTML 106Page - Renesas Technology Corp 4559 Datasheet HTML 107Page - Renesas Technology Corp 4559 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 104 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TAB2
(Transfer data to Accumulator and register B from timer 2)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
111
00
01 2 27 1 16
11
-
-
Opera-
tion:
(B)
← (T27−T24)
(A)
← (T23−T20)
Grouping:
Timer operation
Description: Transfers the high-order 4 bits (T27
−T24) of timer 2 to reg-
ister B.
Transfers the low-order 4 bits (T23
−T20) of timer 2 to regis-
ter A.
TABE
(Transfer data to Accumulator and register B from register E)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
10
10 2 02 A 16
11
-
-
Opera-
tion:
(B)
← (E7−E4)
(A)
← (E3−E0)
Grouping:
Register to register transfer
Description: Transfers the high-order 4 bits (E7
−E4) of register E to reg-
ister B, and low-order 4 bits of register E to register A.
TABP p
(Transfer data to Accumulator and register B from Program memory in page p)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
00
10 p5 p4 p3 p2 p1 p0 2 0
8
+p
p 16
1
3
-
-
Opera-
tion:
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
(B)
← (ROM(PC))7−4
(A)
← (ROM(PC))3−0
(UPTF)
← 1
(DR1, DR0)
← (ROM(PC))9, 8
(DR2)
← 0
(PC)
← (SK(SP))
(SP)
← (SP) − 1
Grouping:
Arithmetic operation
Description: Transfers bits 7 to 4 to register B and bits 3 to 0 to register A. These bits 7 to
0 are the ROM pattern in address (DR2 DR1 DR0 A3 A2 A1 A0)2 specified by
registers A and D in page p. When UPTF is 1, Transfers bits 9, 8 to the low-
order 2 bits (DR1, DR0) of register D, and “0” is stored to the least significant
bit (DR2) of register D.
When this instruction is executed, 1 stage of stack register (SK) is used.
Note:
p = 0 to 47
When this instruction is executed, be careful not to over the stack because 1
stage of stack register is used.
TABPS
(Transfer data to Accumulator and register B from Pre-Scaler)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
111
01
01 2 27 5 16
11
-
-
Opera-
tion:
(B)
← (TPS7−TPS4)
(A)
← (TPS3−TPS0)
Grouping:
Timer operation
Description: Transfers the high-order 4 bits of prescaler to register B.
Transfers the low-order 4 bits of prescaler to register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com