Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 104Page - Renesas Technology Corp 4559 Datasheet HTML 105Page - Renesas Technology Corp 4559 Datasheet HTML 106Page - Renesas Technology Corp 4559 Datasheet HTML 107Page - Renesas Technology Corp 4559 Datasheet HTML 108Page - Renesas Technology Corp 4559 Datasheet HTML 109Page - Renesas Technology Corp 4559 Datasheet HTML 110Page - Renesas Technology Corp 4559 Datasheet HTML 111Page - Renesas Technology Corp 4559 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 108 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TAPU3
(Transfer data to Accumulator from register PU3)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
101
11
01 2 25 D 16
11
-
-
Opera-
tion:
(A)
← (PU3)
Grouping:
Input/Output operation
Description: Transfers the contents of pull-up control register PU3 to
register A.
TASP
(Transfer data to Accumulator from Stack Pointer)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
101
00
00 2 05 0 16
11
-
-
Opera-
tion:
(A2
−A0) ← (SP2−SP0)
(A3)
← 0
Grouping:
Register to register transfer
Description: Transfers the contents of stack pointer (SP) to the low-
order 3 bits (A2
−A0) of register A.
“0” is stored to the bit 3 (A3) of register A.
TAV1
(Transfer data to Accumulator from register V1)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
101
01
00 2 05 4 16
11
-
-
Opera-
tion:
(A)
← (V1)
Grouping:
Interrupt operation
Description: Transfers the contents of interrupt control register V1 to
register A.
TAV2
(Transfer data to Accumulator from register V2)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
101
01
01 2 05 5 16
11
-
-
Opera-
tion:
(A)
← (V2)
Grouping:
Interrupt operation
Description: Transfers the contents of interrupt control register V2 to
register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com