Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 95Page - Renesas Technology Corp 4559 Datasheet HTML 96Page - Renesas Technology Corp 4559 Datasheet HTML 97Page - Renesas Technology Corp 4559 Datasheet HTML 98Page - Renesas Technology Corp 4559 Datasheet HTML 99Page - Renesas Technology Corp 4559 Datasheet HTML 100Page - Renesas Technology Corp 4559 Datasheet HTML 101Page - Renesas Technology Corp 4559 Datasheet HTML 102Page - Renesas Technology Corp 4559 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 99 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SEAM
(Skip Equal, Accumulator with Memory)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
01
10 2 02 6 16
1
1
-
(A) = (M(DP))
Opera-
tion:
(A) = (M(DP)) ?
Grouping:
Comparison operation
Description: Skips the next instruction when the contents of register A is
equal to the contents of M(DP).
Executes the next instruction when the contents of register
A is not equal to the contents of M(DP).
SNZ0
(Skip if Non Zero condition of external interrupt 0 request flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
10
00 2 03 8 16
11
-
V10 = 0 : (EXF0) = 1
Opera-
tion:
V10 = 0 : (EXF0) = 1 ?
(EXF0)
← 0
V10 = 1 : SNZ0 = NOP
(V10 : bit 0 of the interrupt control register V1)
Grouping:
Interrupt operation
Description: When V10 = 0 : Clears (0) to the EXF0 flag and skips the
next instruction when external 0 interrupt request flag
EXF0 is “1”. When the EXF0 flag is “0”, executes the next
instruction.
When V10 = 1 : This instruction is equivalent to the NOP
instruction.
SNZI0
(Skip if Non Zero condition of external Interrupt 0 input pin)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
011
10
10 2 03 A 16
11
-
I12 = 0 : (INT0) = “L”
I12 = 1 : (INT0) = “H”
Opera-
tion:
I12 = 0 : (INT) = “L” ?
I12 = 1 : (INT) = “H” ?
(I12 : bit 2 of the interrupt control register I1)
Grouping:
Interrupt operation
Description: When I12 = 0 : Skips the next instruction when the level of
INT pin is “L”. Executes the next instruction when the level
of INT pin is “H”.
When I12 = 1 : Skips the next instruction when the level of
INT pin is “H.” Executes the next instruction when the level
of INT pin is “L”.
SNZP
(Skip if Non Zero condition of Power down flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
000
00
11 2 00 3 16
11
-
(P) = 1
Opera-
tion:
(P) = 1 ?
Grouping:
Other operation
Description: Skips the next instruction when the P flag is “1”.
After skipping, the P flag remains unchanged.
Executes the next instruction when the P flag is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com