Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 36Page - Renesas Technology Corp 4559 Datasheet HTML 37Page - Renesas Technology Corp 4559 Datasheet HTML 38Page - Renesas Technology Corp 4559 Datasheet HTML 39Page - Renesas Technology Corp 4559 Datasheet HTML 40Page - Renesas Technology Corp 4559 Datasheet HTML 41Page - Renesas Technology Corp 4559 Datasheet HTML 42Page - Renesas Technology Corp 4559 Datasheet HTML 43Page - Renesas Technology Corp 4559 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 40 of 146
REJ03B0188-0104
4559 Group
Fig 39. Timer count start/stop timing
(R2H)
Timer 2 underflow signal
Machine cycle
Timer 2 count start timing (R2L = “0216”, R2H = “0216”, W23 = “1”)
Register W21
Mi
Mi + 1
Mi + 2
Mi + 3
0216
0016
0116
0216
0016
0116
0216
(R2L)
(R2L)
Timer 2 count start timing
PWM signal
Timer 2 count value
(reload register)
Timer 2 count source
(XIN input)
(R2H)
Mi
Mi + 1
Mi + 2
Mi + 3
0016
0116
0216
0016
0116
0216
0216
Timer 2 count stop timing
(R2L)
(R2H)
(Note 1)
TW2A instruction execution (W21
←1)
TW2A instruction execution (W21
←0)
Timer 2 underflow signal
Machine cycle
Register W21
PWM signal
Timer 2 count value
(reload register)
Timer 2 count source
(XIN input)
Timer 2 count stop timing (R2L = “0216”, R2H = “0216”, W23 = “1”)
Notes 1: If the timer count stop timing and the timer underflow timing overlap while the CNTR pin output
is valid (W23=“1”), a hazard may occur in the PWM signal waveform.
2: When timer count is stopped during “H” interval of the PWM signal, timer is stopped after
the end of the “H” output interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com