Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 78Page - Renesas Technology Corp 4559 Datasheet HTML 79Page - Renesas Technology Corp 4559 Datasheet HTML 80Page - Renesas Technology Corp 4559 Datasheet HTML 81Page - Renesas Technology Corp 4559 Datasheet HTML 82Page - Renesas Technology Corp 4559 Datasheet HTML 83Page - Renesas Technology Corp 4559 Datasheet HTML 84Page - Renesas Technology Corp 4559 Datasheet HTML 85Page - Renesas Technology Corp 4559 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 82 of 146
REJ03B0188-0104
4559 Group
Note 1. “W” represents write enabled.
Port output structure control register FR0
at reset : 00002
at power down : state retained
W
TFR0A
FR03
Ports P12, P13 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR02
Ports P10, P11 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR01
Ports P02, P03 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR00
Ports P00, P01 output structure selection bit
0
N-channel open-drain output
1
CMOS output
Port output structure control register FR1
at reset : 00002
at power down : state retained
W
TFR1A
FR13
Ports D3 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR12
Ports D2 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR11
Ports D1 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR10
Ports D0 output structure selection bit
0
N-channel open-drain output
1
CMOS output
Port output structure control register FR2
at reset : 00002
at power down : state retained
W
TFR2A
FR23
Ports P32, P33 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR22
Ports P30, P31 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR21
Ports D5 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR20
Ports D4 output structure selection bit
0
N-channel open-drain output
1
CMOS output
Port output structure control register FR3
at reset : 00002
at power down : state retained
W
TFR3A
FR33
Ports P23 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR32
Ports P22 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR31
Ports P21 output structure selection bit
0
N-channel open-drain output
1
CMOS output
FR30
Ports P20 output structure selection bit
0
N-channel open-drain output
1
CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com