Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 74Page - Renesas Technology Corp 4559 Datasheet HTML 75Page - Renesas Technology Corp 4559 Datasheet HTML 76Page - Renesas Technology Corp 4559 Datasheet HTML 77Page - Renesas Technology Corp 4559 Datasheet HTML 78Page - Renesas Technology Corp 4559 Datasheet HTML 79Page - Renesas Technology Corp 4559 Datasheet HTML 80Page - Renesas Technology Corp 4559 Datasheet HTML 81Page - Renesas Technology Corp 4559 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 78 of 146
REJ03B0188-0104
4559 Group
Note 1. ”R” represents read enabled, and “W” represents write enabled.
Note 2. “r (resistor) multiplied by 3” is used at 1/3 bias, and “r multiplied by 2” is used at 1/2 bias.
Note 3. VLC3 is connected to VDD internally when SEG0 pin is selected.
Note 4. Use internal dividing resistor when SEG1 and SEG2 pins are selected.
LCD control register L1
at reset : 00002
at power down : state retained
R/W
TAL1/TL1A
L13
Internal dividing resistor for LCD power
supply selection bit (Note 2)
0
2r × 3, 2r × 2
1
r × 3, r × 2
L12
LCD control bit
0
Stop (OFF)
1
Operating
LCD duty and bias selection bits
L11
L1
Duty
Bias
L11
0
0
Not available
Not available
01
1/2
1/2
10
1/3
1/3
L10
11
1/4
1/3
LCD control register L2
at reset : 00002
at power down : state retained
W
TL2A
L23
SEG0/VLC3 pin function switch bit (Note 3)
0
SEG0
1VLC3
L22
SEG1/VLC2 pin function switch bit (Note 4)
0
SEG1
1VLC2
L21
SEG2/VLC1 pin function switch bit (Note 4)
0
SEG2
1VLC1
L20
Internal dividing resistor for LCD power
supply control bit
0
Internal dividing resistor valid
1
Internal dividing resistor invalid
LCD control register L3
at reset : 11112
at power down : state retained
W
TL3A
L33
P23/SEG27 pin function switch bit
0
SEG27
1P23
L32
P22/SEG26 pin function switch bit
0
SEG26
1P22
L31
P21/SEG25 pin function switch bit
0
SEG25
1P21
L30
P20/SEG24 pin function switch bit
0
SEG24
1P20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com