Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 58Page - Renesas Technology Corp 4559 Datasheet HTML 59Page - Renesas Technology Corp 4559 Datasheet HTML 60Page - Renesas Technology Corp 4559 Datasheet HTML 61Page - Renesas Technology Corp 4559 Datasheet HTML 62Page - Renesas Technology Corp 4559 Datasheet HTML 63Page - Renesas Technology Corp 4559 Datasheet HTML 64Page - Renesas Technology Corp 4559 Datasheet HTML 65Page - Renesas Technology Corp 4559 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 62 of 146
REJ03B0188-0104
4559 Group
(1) On-chip oscillator operation
After system is released from reset, the MCU starts operation by
the clock output from the on-chip oscillator which is the internal
oscillator.
The clock frequency of the on-chip oscillator depends on the
supply voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
(2) Main clock generating circuit (f(XIN))
When the MCU operates by the ceramic resonator or the RC
oscillator as the main clock (f(XIN)).
After system is released from reset, the ceramic oscillation is
valid for main clock.
The ceramic oscillation is invalid and the RC oscillation circuit is
valid with the CRCK instruction.
The CRCK instruction can be executed only once.
Execute the CRCK instruction in the initial setting routine
(executing it in address 0 in page 0 is recommended).
When the main clock (f(XIN)) is not used, connect XIN pin to VSS
and leave XOUT pin open, and do not execute the CRCK
instruction (Figure 61).
(3) Ceramic resonator
When the ceramic resonator is used as the main clock (f(XIN)),
connect the ceramic resonator and the external circuit to pins XIN
and XOUT at the shortest distance.
A feedback resistor is built in between pins XIN and XOUT
(Figure 62). Do not execute the CRCK instruction in program.
(4) RC oscillation
When the RC oscillation is used as the main clock (f(XIN)),
connect the XIN pin to the external circuit of resistor R and the
capacitor C at the shortest distance and leave XOUT pin open.
Then, execute the CRCK instruction (Figure 63).
To select RC oscillation as the system clock, select the main
clock (f(XIN) as the system clock by bits 0 and 1 of the clock
control register MR.
The frequency is affected by a capacitor, a resistor and a
microcomputer. So, set the constants within the range of the
frequency limits.
Fig 60. Switch to ceramic resonance/RC oscillation
Fig 61. Handling of XIN and XOUT when operating on-
chip oscillator
Fig 62. Ceramic resonator external circuit
Fig 63. External RC oscillation circuit
Reset
CRCK
• Ceramic resonator circuit valid
• RC oscillation circuit invalid
Main clock (f(XIN))
• Ceramic resonator circuit invalid
• RC oscillation circuit valid
*
Do not use the CRCK instruction in program.
4559
XIN
XOUT
4559
XIN
XOUT
Rd
CIN
COUT
Do not execute the CRCK instruction in program.
*
Note: Externally connect a damping resistor Rd
depending on the oscillation frequency.
(A feedback resistor is built-in.)
Use the resonator manufacturer’s recommended
value because constants such as capacitance
depend on the resonator.
4559
XIN
XOUT
R
C
*
Execute the CRCK
instruction in program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com