| Electronic Components Datasheet Search |
|
4559 Datasheet(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Datasheet(HTML) 73 Page - Renesas Technology Corp |
|
73 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 73 of 146 REJ03B0188-0104 4559 Group (2) Connection of bypass capacitor across VSS line and VDD line Connect an approximately 0.1 µF bypass capacitor across the VSS line and the VDD line as follows: • Connect a bypass capacitor across the VSS pin and the VDD pin at equal length. • Connect a bypass capacitor across the VSS pin and the VDD pin with the shortest possible wiring. • Use lines with a larger diameter than other signal lines for VSS line and VDD line. • Connect the power source wiring via a bypass capacitor to the VSS pin and the VDD pin. Fig 77. Bypass capacitor across the VSS line and the VDD line (3) Oscillator concerns Take care to prevent an oscillator that generates clocks for a microcomputer operation from being affected by other signals. (1) Keeping oscillator away from large current signal lines Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a current larger than the tolerance of current value flows. •Reason In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and thermal heads or others. When a large current flows through those signal lines, strong noise occurs because of mutual inductance. Fig 78. Wiring for a large current signal line (2) Installing oscillator away from signal lines where potential levels change frequently Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines which are sensitive to noise. •Reason Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms may be deformed, which causes a microcomputer failure or a program runaway. Fig 79. Wiring to a signal line where potential levels change frequently (3) Oscillator protection using VSS pattern As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the position (on the component side) where an oscillator is mounted. Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides, separate this VSS pattern from other VSS patterns. Fig 80. VSS pattern on the underside of an oscillator VSS VDD VSS VDD N.G. O.K. XIN XOUT VSS M Microcomputer Mutual inductance Large current GND XIN XOUT VSS CNTR Do not cross N.G. Oscillator wiring pattern example An example of VSS patterns on the underside of a printed circuit board Separate the VSS line for oscillation from other VSS lines XIN XOUT VSS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |